Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP17 Datasheet(PDF) 3 Page - Analog Devices

Part # TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP17 Datasheet(HTML) 3 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TEMPERATURE – C
6
6
50
125
25
0
255075
100
4
2
0
2
4
5
3
1
1
3
5
MAX LIMIT
MIN LIMIT
V
=
5V
5
4
3
2
1
Figure 2. Accuracy vs. Temperature
TIME – sec
100
80
0
030
5
10
15
20
25
60
40
20
90
70
50
30
10
SOIC PACKAGE
SOLDERED TO
0.5"
0.3" Cu PCB
V
=
5V
Figure 3. Thermal Response in Stirred Oil Bath
AIR VELOCITY – FPM
60
0
0
600
100
200
300
400
500
50
40
30
20
10
TRANSITION FROM
100 C STIRRED
BATH TO FORCED
25 C AIR
V
=
5V
SOIC PACKAGE SOLDERED
TO 0.5"
0.3" Cu PCB
Figure 4. Thermal Time Constant in Forced Air
AFTER SINGLE
TEMPERATURE
CALIBRATION
ACCURACY
WITHOUT TRIM
1.0
0.5
25
105
25
0
0.5
1.0
TEMPERATURE – C
40
Figure 5. Long-Term Stability @
125
°C
SUPPLY VOLTAGE – V
500
400
0
06
1
2345
300
200
100
450
350
250
150
50
CONSTANT IOUT UP TO 30V
TA = 105 C
TA = 25 C
TA = 40 C
IOUT = 378µA
IOUT = 298µA
IOUT = 233µA
Figure 6. V-I Characteristics
10
0%
2µs
200mV
100
90
VIN = 0V to 5V
RL = 1kΩ,
TA = 25 C
Figure 7. Output Turn-On Settling Time
Typical Performance Characteristics–TMP17
REV. 0
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com