Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP17 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP17 Datasheet(HTML) 1 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL DIAGRAM
NC
V
V
NC
NC
NC
NC
NC
PACKAGE DIAGRAM
SO-8
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
NC
NC
NC
NC
V
V
NC
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost, Current Output
Temperature Transducer
TMP17*
FEATURES
Operating Temperature Range:
40 C to
105 C
Single Supply Operation:
4 V to
30 V
Excellent Repeatability and Stability
High Level Output: 1
A/K
Monolithic IC: Temperature In/Current Out
Minimal Self-Heating Errors
APPLICATIONS
Appliance Temperature Sensor
Automotive Temperature Measurement and Control
HVAC System Monitoring
Industrial Temperature Control
Thermocouple Cold Junction Compensation
GENERAL DESCRIPTION
The TMP17 is a monolithic integrated circuit temperature
transducer that provides an output current proportional to
absolute temperature. For a wide range of supply voltages the
transducer acts as a high impedance temperature dependent
current source of 1
µA/K. Improved design and laser wafer
trimming of the IC’s thin-film resistors allows the TMP17 to
achieve absolute accuracy levels and nonlinearity errors
previously unattainable at a comparable price.
The TMP17 can be employed in applications between
40
°C
to
105
°C where conventional temperature sensors (i.e.,
thermistor, RTD, thermocouple, diode) are currently being
used. Expensive linearization circuitry, precision voltage
references, bridge components, resistance measuring circuitry
and cold junction compensation are not required with the
TMP17.
The TMP17 is available in a low cost SO-8 surface-mount
package.
PRODUCT HIGHLIGHTS
1. A wide operating temperature range ( 40
°C to 105°C)
and highly linear output make the TMP17 an ideal substi-
tute for older, more limited sensor technologies (i.e., therm-
istors, RTDs, diodes, thermocouples).
2. The TMP17 is electrically rugged; supply irregularities and
variations or reverse voltages up to 20 V will not damage
the device.
3. Because the TMP17 is a temperature dependent current
source, it is immune to voltage noise pickup and IR drops in
the signal leads when used remotely.
4. The high output impedance of the TMP17 provides greater
than 0.5
°C/V rejection of supply voltage drift and ripple.
5. Laser wafer trimming and temperature testing insures that
TMP17 units are easily interchangeable.
6. Initial system accuracy will not degrade significantly over
time. The TMP17 has proven long term performance and
repeatability advantages inherent in integrated circuit design
and construction.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
*Protected by U.S. Patent No. 4,123,698
378
343
273
248
1µA/K
45
25
0
70
105
125
TEMPERATURE – C
Figure 1. Transfer Characteristic


Similar Part No. - TMP17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
More results

Similar Description - TMP17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
Low Cost, Precision IC Temperature Transducer
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
2-Wire, Current Output Temperature Transducer
August 1997
AD590 INTERSIL-AD590_02 Datasheet
334Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
logo
Analog Devices
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
logo
STI Vibration Monitorin...
CMCP1100CT STI-CMCP1100CT Datasheet
578Kb / 2P
Low-Cost Accelerometer with Temperature Output
CMCP1100ST STI-CMCP1100ST Datasheet
584Kb / 2P
Low-Cost Accelerometer with Temperature Output, Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com