Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35FS Datasheet(PDF) 9 Page - Analog Devices

Part # TMP35FS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35FS Datasheet(HTML) 9 Page - Analog Devices

Back Button TMP35FS Datasheet HTML 5Page - Analog Devices TMP35FS Datasheet HTML 6Page - Analog Devices TMP35FS Datasheet HTML 7Page - Analog Devices TMP35FS Datasheet HTML 8Page - Analog Devices TMP35FS Datasheet HTML 9Page - Analog Devices TMP35FS Datasheet HTML 10Page - Analog Devices TMP35FS Datasheet HTML 11Page - Analog Devices TMP35FS Datasheet HTML 12Page - Analog Devices TMP35FS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–9–
The circuit in Figure 6b illustrates how a pair of TMP3x sensors
can be used with an OP193 configured as a difference amplifier
to read the difference in temperature between two locations. In
these applications, it is always possible that one temperature
sensor would be reading a temperature below that of the other
sensor. To accommodate this condition, the output of the OP193
is offset to a voltage at one-half the supply via R5 and R6. Thus,
the output voltage of the circuit is measured relative to this point,
OP193
0.1 F
2
3
4
1
7
VTEMP(AVG)
@ 10mV/ C FOR TMP35/36
@ 20mV/ C FOR TMP35/36
2.7V < +VS < 5.5V
FOR R1 = R2 = R3 = R;
VTEMP(AVG) = 1 (TMP3x1 + TMP3x2 + TMP3x3)
3
R1
300k
R2
300k
R3
300k
TMP3x
TMP3x
TMP3x
R4
7.5k
R1
3
R4 = R6
R6
7.5k
R5
100k
R5 =
Figure 6a. Configuring Multiple Sensors for Average
Temperature Measurements
ELEMENT
R2
R4
R5
R6
TMP36
VOUT
R1
50k
VS
ADM660
TMP36
OP193
R2
50k
R3
R4
+3V
C1
10 F
R5
0.1 F
10 F
–3V
10 F/0.1 F
GND
NC
10 F
NC
R6
1
2
3
4
5
6
7
2
3
4
6
8
8
VOUT @ 1mV/ F
–40 F
TA
+257 F
258.6k
10k
47.7k
10k
Figure 5c. TMP36 Fahrenheit Thermometer Version 2
as shown in the figure. Using the TMP36, the output voltage of
the circuit is scaled by 10 mV/
°C. To minimize error in the differ-
ence between the two measured temperatures, a common, readily
available thin-film resistor network is used for R1–R4.
TMP36
@ T1
0.1 F
0.1 F
2
3
4
6
7
OP193
1 F
VOUT
R3*
R4*
R2*
R1*
2.7V < VS < 5.5V
TMP36
@ T2
R5
100k
R6
100k
VOUT = T2 – T1 @ 10mV/ C
VS
2
*R1–R4, CADDOCK T914–100k–100, OR EQUIVALENT
0.1 F
R7
100k
R8
25k
R9
25k
0
TA
125 C
CENTERED AT
CENTERED AT
Figure 6b. Configuring Multiple Sensors for Differential
Temperature Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com