Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35FS Datasheet(PDF) 2 Page - Analog Devices

Part # TMP35FS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35FS Datasheet(HTML) 2 Page - Analog Devices

  TMP35FS Datasheet HTML 1Page - Analog Devices TMP35FS Datasheet HTML 2Page - Analog Devices TMP35FS Datasheet HTML 3Page - Analog Devices TMP35FS Datasheet HTML 4Page - Analog Devices TMP35FS Datasheet HTML 5Page - Analog Devices TMP35FS Datasheet HTML 6Page - Analog Devices TMP35FS Datasheet HTML 7Page - Analog Devices TMP35FS Datasheet HTML 8Page - Analog Devices TMP35FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
TMP35/TMP36/TMP37–SPECIFICATIONS1
(VS = 2.7 V to 5.5 V, –40 C
≤ TA ≤ +125 C, unless
otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ACCURACY
TMP35/TMP36/TMP37F
TA = 25
°C
±1
±2
°C
TMP35/TMP36/TMP37G
TA = 25
°C
±1
±3
°C
TMP35/TMP36/TMP37F
Over Rated Temperature
±2
±3
°C
TMP35/TMP36/TMP37G
Over Rated Temperature
±2
±4
°C
Scale Factor, TMP35
10
°C ≤ T
A
≤ 125°C109.8/10.2
mV/
°C
Scale Factor, TMP36
–40
°C ≤ TA ≤ +125°C109.8/10.2
mV/
°C
Scale Factor, TMP37
5
°C ≤ TA ≤ 85°C20
19.6/20.4
mV/
°C
5
°C ≤ T
A
≤ 100°C20
19.6/20.4
mV/
°C
3.0 V
≤ +VS ≤ 5.5 V
Load Regulation
0
µA ≤ IL ≤ 50 µA
–40
°C ≤ T
A
≤ +105°C6
20
m
°C/µA
–105
°C ≤ TA ≤ +125°C25
60
m
°C/µA
Power Supply Rejection Ratio
PSRR
TA = 25
°C30
100
m
°C/V
3.0 V
≤ +V
S
≤ 5.5 V
50
m
°C/V
Linearity
0.5
°C
Long-Term Stability
TA = 150
°C for 1 kHrs
0.4
°C
SHUTDOWN
Logic High Input Voltage
VIH
VS = 2.7 V
1.8
V
Logic Low Input Voltage
VIL
VS = 5.5 V
400
mV
OUTPUT
TMP35 Output Voltage
TA = 25
°C
250
mV
TMP36 Output Voltage
TA = 25
°C
750
mV
TMP37 Output Voltage
TA = 25
°C
500
mV
Output Voltage Range
100
2000
mV
Output Load Current
IL
050
µA
Short-Circuit Current
ISC
Note 2
250
µA
Capacitive Load Driving
CL
No Oscillations
2
1000
10000
pF
Device Turn-On Time
Output within
±1°C
0.5
1
ms
100 k
Ω 100 pF Load2
POWER SUPPLY
Supply Range
+VS
2.7
5.5
V
Supply Current
ISY (ON)
Unloaded
50
µA
Supply Current (Shutdown)
ISY (OFF)
Unloaded
0.01
0.5
µA
NOTES
1Does not consider errors caused by self-heating.
2Guaranteed but not tested.
Specifications subject to change without notice.
TEMPERATURE – C
–50
050
100
150
50
30
20
10
0
40
Figure 1. Load Reg vs. Temperature (m
°C/µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com