Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP35FS Datasheet(PDF) 4 Page - Analog Devices

Part # TMP35FS
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35FS Datasheet(HTML) 4 Page - Analog Devices

  TMP35FS Datasheet HTML 1Page - Analog Devices TMP35FS Datasheet HTML 2Page - Analog Devices TMP35FS Datasheet HTML 3Page - Analog Devices TMP35FS Datasheet HTML 4Page - Analog Devices TMP35FS Datasheet HTML 5Page - Analog Devices TMP35FS Datasheet HTML 6Page - Analog Devices TMP35FS Datasheet HTML 7Page - Analog Devices TMP35FS Datasheet HTML 8Page - Analog Devices TMP35FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–4–
TEMPERATURE – C
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
1.8
2.0
50
25
0
25
50
75
100
125
a
b
c
a. TMP35
b. TMP36
c. TMP37
VS = 3V
TPC 1. Output Voltage vs. Temperature
a. MAXIMUM LIMIT (G GRADE)
b. TYPICAL ACCURACY ERROR
c. MINIMUM LIMIT (G GRADE)
TEMPERATURE – C
2
5
1
0
1
2
3
4
3
4
5
020
40
60
80
100
120
140
a
b
c
TPC 2. Accuracy Error vs. Temperature
TEMPERATURE – C
0.4
0.3
0
50
125
25
0
25
50
75
100
0.2
0.1
V+ = 3V to 5.5V, NO LOAD
TPC 3. Power Supply Rejection vs. Temperature
FREQUENCY – Hz
100
0.01
20
100k
100
1k
10k
31.6
10
3.16
1
0.32
0.1
0.032
TPC 4. Power Supply Rejection vs. Frequency
TEMPERATURE – C
4
3
0
2
1
5
50
125
25
0
25
50
75
100
b
a
MINIMUM SUPPLY VOLTAGE REQUIRED TO MEET
DATA SHEET SPECIFICATION
NO LOAD
a. TMP35/TMP36
b. TMP37
TPC 5. Minimum Supply Voltage vs. Temperature
TEMPERATURE – C
50
40
10
30
20
60
50
125
25
0
25
50
75
100
NO LOAD
b
a
a. V+ = 5V
b. V+ = 3V
TPC 6. Supply Current vs. Temperature
– Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com