Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS385 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS385
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS385 Datasheet HTML 1Page - Advanced Monolithic Systems AMS385 Datasheet HTML 2Page - Advanced Monolithic Systems AMS385 Datasheet HTML 3Page - Advanced Monolithic Systems AMS385 Datasheet HTML 4Page - Advanced Monolithic Systems AMS385 Datasheet HTML 5Page - Advanced Monolithic Systems AMS385 Datasheet HTML 6Page - Advanced Monolithic Systems AMS385 Datasheet HTML 7Page - Advanced Monolithic Systems AMS385 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285/AMS385
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is:
AMS285
+125°C
AMS385
+100°C
Thermal Resistance
TO-92
SO-8
SOT-89
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
160°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: Guaranteed and 100% production tested.
Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX
and TMIN, divided by TMAX - TMIN. The measured temperatures are 0
°C, 25°C, 70°C and 85°C.
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
Plastic Package (N)
SO Package (S)
(L)
Bottom View
Top View
Top View
TYPICAL APPLICATIONS
1.2V Reference
5.0V Reference
Precision 10V Reference
+
-
FB
AMS385
1.2V
R1
500k
9V
R3
364k
R2
120k
+
-
FB
AMS385
R1
50k
9V
5V


+
=
1
R2
R3
1.24
VOUT
R3
68.1k
1%
R2
301k
1%
+
-
FB
AMS385
R1
5k
15V
V
OUT
10V
1
2
3
FB
-
+
1
2
8
4
3
7
5
6
N/C ADJ
N/C
N/C N/C
N/C
+
-
FB
-
+
1
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com