Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS385 Datasheet (PDF) - Advanced Monolithic Systems

AMS385 Datasheet PDF - Advanced Monolithic Systems
Part # AMS385
Download  AMS385 Download
File Size   78.62 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE

AMS385 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS385 Datasheet PDF - Advanced Monolithic Systems

Part # AMS385
Download  AMS385 Click to download

File Size   78.62 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE

AMS385 Datasheet (HTML) - Advanced Monolithic Systems


AMS385 Product details

GENERAL DESCRIPTION
The AMS285/AMS385 are three-terminal micropower band-gap voltage reference diodes. They feature a very low dynamic impedance and good temperature coefficient, operating from 1.24V to 5.3V and over a 10µA to 20mA current range. On-chip trimming is used to provide tight voltage tolerance. Since the AMS285/AMS385 is a band-gap reference, uses only transistors and resistors, low noise and good long-term stability result. Careful design of the AMS285/AMS385 has made the device exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application.

FEATURES
• Adjustable from 1.24V to 5.30V
• Operating Current 10mA to 20mA
• 1% and 2% Initial Tolerance
• 1W Dynamic Impedance
• Low Temperature Coefficient
• 1.2V Device and 2.5V Device also available
    AMS285-1.2 and AMS285-2.5 series, respectively
    AMS385-1.2 and AMS385-2.5 series.

APPLICATIONS
• Battery Powered Systems
• Instrumentation
• A/D, D/A Converters
• Temperature measurement
• Current sources
• Notebook/Personal Computer
• Monitors/ VCR/ TV
• Pagers




Similar Part No. - AMS385

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS385-1.2 ADMOS-AMS385-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AL ADMOS-AMS385-1.2AL Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AN ADMOS-AMS385-1.2AN Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2AS ADMOS-AMS385-1.2AS Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-1.2BL ADMOS-AMS385-1.2BL Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results


Similar Description - AMS385

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com