Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS385 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS385
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS385 Datasheet HTML 1Page - Advanced Monolithic Systems AMS385 Datasheet HTML 2Page - Advanced Monolithic Systems AMS385 Datasheet HTML 3Page - Advanced Monolithic Systems AMS385 Datasheet HTML 4Page - Advanced Monolithic Systems AMS385 Datasheet HTML 5Page - Advanced Monolithic Systems AMS385 Datasheet HTML 6Page - Advanced Monolithic Systems AMS385 Datasheet HTML 7Page - Advanced Monolithic Systems AMS385 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285/AMS385
TYPICAL APPLICATIONS (Continued)
Low AC Noise Reference
Current Source
25V Low Current Shunt Regulator
200mA Shunt Regulator
Voltage Level Detector
Voltage Level Detector
R3
360k
Ω
R2
120k
+
-
FB
AMS385
R1
100k
15V
V
OUT
10V
R4
33
C1
0.47
µF
C2
10
µF
+
R2
120k
R1
120k
+
-
FB
AMS385
R4
V+
V
OUT
2.5V
R3
1k
50
µA< I < 200 mA
2N2219
R1
+
AMS385
FB
R2
120k
-
2N2905
2N3964
1
µA< I < 100 mA
+15V
R1
1.24V
IOUT
=
R2
2.4M
R1
120k
+
-
FB
AMS385
R3
V+
V
OUT
25V
2N5115
100
µA< I < 5 mA
R2
1M
R1
120k
+
-
FB
AMS385
R3
200
-5V
λ
< -12V
LED ON
D1
R2
1M
R1
120k
+
-
FB
AMS385
R3
330
-5V
λ
> -12V
LED ON
D1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com