Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS36063P Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS36063P
Description  DC-TO-DC CONVERTER CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS36063P Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS36063P Datasheet HTML 1Page - Advanced Monolithic Systems AMS36063P Datasheet HTML 2Page - Advanced Monolithic Systems AMS36063P Datasheet HTML 3Page - Advanced Monolithic Systems AMS36063P Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS36063
Monolithic
DC-TO-DC CONVERTER CONTROL CIRCUIT
Systems
PRELIMINARY INFORMATION
FEATURES
APPLICATIONS
•• Wide Input Voltage Operating Range from 2.5V to 60V
•• Step-Up Converter
•• Low Standby Current
•• Step-Down Converter
•• Current Limiting
•• Voltage Inverting Application
•• Output Switch Current of 1.5A
•• Telephone Circuits
•• Output Voltage Adjustable from 1.25 to 40V
•• Monitors
•• Frequency of Operation to 100kHz
••Battery Chargers
•• Thermal Protection
•• Portable Equipment
•• Enable Input Pin
GENERAL DESCRIPTION
The AMS36063 series is a control circuit containing the basic functions required for DC-to-DC converters. The device consists
of an internal temperature compensated reference, a comparator, a controlled duty cycle oscillator with an active current limit
circuit, a driver, a high current output switch, a thermal protection circuit and a converter enable input. Designed specifically to
be incorporated in Step-Up, Step-Down and Voltage -Inverting applications, the AMS36063 requires a minimum number of
external components.
The AMS36063 is available in the 8-lead plastic SOIC and 8-lead plastic DIP packages.
ORDERING INFORMATION
PACKAGE TYPE
OPER. TEMP
8 LEAD PDIP
8 LEAD SOIC
RANGE
AMS36063P
AMS36063S
-40
°C to +85°C
PIN CONNECTIONS
8 LEAD SOIC/ 8 LEAD PDIP
Top View
COMPARATOR
INVERTING
INPUT
SWITCH
COLLECTOR
GND
ENABLE
TIMING
CAPACITOR
V
CC
I
PK SENSE
SWITCH
EMITTER
1
2
8
4
3
7
5
6


Similar Part No. - AMS36063P

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
logo
Analog Microelectronics...
AMS3011 ANALOGMICRO-AMS3011 Datasheet
512Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
More results

Similar Description - AMS36063P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
1.5Amp DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com