Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3011 Datasheet (PDF) - Analog Microelectronics GmbH

AMS3011 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS3011
Download  AMS3011 Download
File Size   512.14 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Miniaturized pressure transmitter with 0 .. 5 V output

AMS3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3011 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS3011
Download  AMS3011 Click to download

File Size   512.14 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Miniaturized pressure transmitter with 0 .. 5 V output

AMS3011 Datasheet (HTML) - Analog Microelectronics GmbH


AMS3011 Product details

FEATURES
 Amplified pressure sensor with standardized 0 .. 5 V output
 Calibrated and temperature compensated
 Wide variety of pressure ranges: 25 mbar up to 10 bar
 Differential / gage, bidirectional differential, absolute and barometric versions
 Piezoresistive sensing element
 High precision digital signal conditioning
 High accuracy at room temperature
 Low overall error within a temperature range of -25 .. +85 °C
 Supply voltage range: 8 .. 36 V
 Robust and miniaturized metal package
 Pressure connection: M5 female thread
 Electrical connection: M5 sensor connector
 Simple and quick installation
 Dust- and water-tight (IP67)
 RoHS and REACH compliant

TYPICAL APPLICATIONS
 Static and dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Medical instrumentation
 Indoor and outdoor measurement
 Pneumatic system monitoring
 Test benches

GENERAL DESCRIPTION
AMS 3011 is a series of robust pressure transmitters in a matchbox-sized IP67 metal package. This series is suitable for high precision measurements in industrial indoor and outdoor applications as well as in medical instrumentation.
All sensors in this series provide an analog output signal of 0 .. 5 V and can be powered within a wide supply voltage range of VS = 8 .. 36 V. They are calibrated and temperature compensated in a wide temperature range of -25 .. +85°C.
AMS 3011 comes in a rugged metal package with M5 female threads for pressure connection. Using standard M5 pressure fittings like barbed ports, hose or push-in fittings a wide variety of pressure connections can be established. The sensor’s electrical connection is realized with an M5 circular sensor connector. AMS 3011’s package is dust- and water-tight conforming to IP67.
The pressure transmitters in the AMS 3011 series are available for various pressure types and ranges: differential (relative) devices in pressure ranges from 0 .. 50 mbar up to 0 .. 10 bar, absolute pressure variants for 0 .. 1 bar and 0 .. 2 bar as well as a barometric type for 0.7 .. 1.2 bar. Bidirectional-differential devices for measurement of positive and negative differential pressure are available from -25 .. +25 mbar up to -1 ..+1 bar.
Customized pressure ranges and output voltage ranges are available on request.




Similar Part No. - AMS3011

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
More results


Similar Description - AMS3011

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7905 INTERSEMA-MS7905 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-5 BAR)
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com