Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9321 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9321
Description  Precision 3.5mm Female to N Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9321 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9321 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9321 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision 3.5mm Female to N Male Adapter
Configuration
Connector 1
3.5mm Female
Impedance 1
50 Ohms
Connector 2
N Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.65 [41.91]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
3.5mm Female
Connector 2
Type
N Male
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/3.5mm-female-n-male-straight-adapter-pe9321-p.aspx
Precision 3.5mm Female to N Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision 3.5mm Female to N Male Adapter
PE9321
PE9321 REV


Similar Part No. - PE9321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
logo
Pletronics, Inc.
PE9320DEV PLETRONICS-PE9320DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9320DV PLETRONICS-PE9320DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9323 PASTERNACK-PE9323 Datasheet
241Kb / 2P
Precision 3.5mm Female to N Female Adapter
More results

Similar Description - PE9321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9323 PASTERNACK-PE9323 Datasheet
241Kb / 2P
Precision 3.5mm Female to N Female Adapter
PE9324 PASTERNACK-PE9324 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Female Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9724 PASTERNACK-PE9724 Datasheet
254Kb / 3P
Precision SMA Female to 3.5mm Male Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9747 PASTERNACK-PE9747 Datasheet
241Kb / 2P
Precision 1.85mm Male to 3.5mm Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com