Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-01 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMSREF-01
Description  10V PRECISION VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-01 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMSREF-01 Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMSREF-01
Monolithic
+10V PRECISION VOLTAGE REFERENCE
Systems
FEATURES
APPLICATIONS
•• 10 Volt Output …………………………….. ±± 0.3% Max
•• A/D, D/A Converters
•• Adjustment Range …………………………… ±± 3% Min
•• Portable Instrumentation
•• Excellent Temperature Stability…………… 8.5ppm/°°C
•• Digital Voltmeters
•• Low Noise ………………………………….. 30µµV
P-P Max
•• Current sources
•• Low Supply Current ………………………. 650µµA Typ
•• Wide Input Voltage Range …………………. 12V to 40V
•• High Load-Driving Capability……………………. 20mA
•• No External Components
•• Short -Circuit Proof
GENERAL DESCRIPTION
The AMSREF-01 is a precision voltage reference, which provides a stable +10V output, which can be adjusted over a
± 3%
range with minimal effect on temperature stability. Careful design of this device improved its bandgap and as a result
excellent temperature stability is achieved. The operating supply range is 12V to 40V with a typical current drain of 650
µA.
Low cost, low noise and low power makes the AMSREF-01 an excellent choice whenever a stable voltage reference is
required. Applications include D/A and A/D converters, portable instrumentation and digital voltmeters.
The AMSREF-01 is operational in the full industrial temperature range of -40
°C to +85°C and is available in the 8 lead
SOIC and plastic dip (PDIP) packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
8 LEAD SOIC
8 LEAD PDIP
TEMPERATURE RANGE
±
30mV
AMSREF-01ES
AMSREF-01EP
-40 to 85
° C
±
50mV AMSREF-01HS
AMSREF-01HP
-40 to 85
° C
±
100mV AMSREF-01CS
AMSREF-01CP
-40 to 85
° C
PIN CONNECTIONS
8L SOIC/ 8L PDIP
Top View
1
2
8
4
3
7
5
6 V
OUT
TRIM
N/C
N/C
V
IN
N/C
N/C
GND


Similar Part No. - AMSREF-01

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
AMSREF-02C ADMOS-AMSREF-02C Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
AMSREF-02CP ADMOS-AMSREF-02CP Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
AMSREF-02CS ADMOS-AMSREF-02CS Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
AMSREF-02E ADMOS-AMSREF-02E Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
More results

Similar Description - AMSREF-01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
10V Precision Voltage Reference
logo
Linear Technology
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
10V Precision Voltage Reference
Rev 2; 7/04
logo
Linear Technology
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
Precision 10V Reference
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
10V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com