Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-01 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMSREF-01
Description  10V PRECISION VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-01 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMSREF-01 Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
OUTPUT ADJUSTMENT
The REF-01 trim terminal can be used to adjust the 10V output
voltage
± 300mV. This feature allows the system designer to trim
system errors by setting the reference to a voltage other than 10V.
The system can also be set exactly 10.000V, or to 10.240V for
binary applications.
Adjustment of the output does not significantly affect the
temperature performance of the device. The temperature coefficient
change
is
approximately
0.7ppm/
°C for 100mV of output
adjustment.
GND
TRIM
10k
Ω
OUTPUT
V
IN
V
O
+15V
2
6
5
4
REF-01
TYPICAL APPLICATIONS
±± 10V Reference
Precision Calibration Standard
Supply Bypassing
For best results, it is recommended that the power supply pin is bypassed with a
0.1
µF disk ceramic capacitor.
Current Source
Current Sink
GND
TRIM
10k
Ω
V
IN
V
O
+15V
2
6
5
4
REF-01
+15V
-15V
10k
Ω
5k
Ω
-10V
+10V
0.1
µF
OP-02
-
+
GND
TRIM
100k
Ω
V
IN
V
O
9V
2
6
5
4
REF-01
9V
10.000V
+
-
0.1
µF
1.1mA
GND
TRIM
R
V
IN
V
O
-15V
2
6
5
4
REF-01
I
OUT
I
OUT= (10.0V/R)+1mA
VOLTAGE COMPLIANCE: -3V TO +25V
GND
TRIM
R
V
IN
V
O
+15V
2
6
5
4
REF-01
I
OUT
I
OUT= (10.0V/R)+1mA
VOLTAGE COMPLIANCE: -25V TO +3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com