Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-01 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMSREF-01
Description  10V PRECISION VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-01 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMSREF-01 Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-01 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-01
Note 2: The output voltage change with temperature (
∆V
OT) is defined as the absolute difference between the maximum output voltage and the minimum output
voltage over the specified temperature range expressed as a percentage of 10V:
∆V
OT =
[(V
MAX -VMIN)/10V
] x 100
Note 3:
∆V
OT specification applies trimmed to +10.000V or untrimmed
Note 4: TCVO is defined as
∆V
OT divided by the temperature range: TCVO (-40
°C to +85°C)= [∆V
OT (-40
°C to +85°C)] / 125°C
Note 5: Line and Load Regulation specifications include the effect of self heating.
Note 6: During sink current test, the device meets the output voltage specified.
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Load Regulation (
∆∆I
L = 10mA)
vs Temperature
TEMPERATURE (° C)
-60 -40
20
60
100
0.6
1.1
1.3
1.4
1.2
1.0
0.9
0.8
0.7
V
IN = 15V
-20 0
40
80
120 140
0
5
35
0
15
20
30
INPUT VOLTAGE (V)
Maximum Load Current vs
Input Voltage
20
25
25
10
15
30
Normalized Line Regulation (
∆∆I
L = 10mA vs
Temperature
TEMPERATURE (° C)
-60 -40
20
60
100
0.6
1.1
1.3
1.4
1.2
1.0
0.9
0.8
0.7
-20 0
40
80
120 140
Maximum Load Current vs
Temperature
TEMPERATURE (° C)
-60 -40
20
60
100
0
20
25
30
15
10
5
V
IN = 15V
-20 0
40
80
120 140
TEMPERATURE (° C)
-60 -40
20
60
100
0.7
1.1
1.2
1.3
1.0
0.9
0.8
V
IN = 15V
-20 0
40
80
120 140
Quiescent Current vs
Temperature
SHORT CIRCUIT PROTECTION
500mW MAXIMUM
DISSIPATION
T
A = 25° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com