Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-02C Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMSREF-02C
Description  5V PRECISION VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-02C Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMSREF-02C Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 5Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMSREF-02
Monolithic
+5V PRECISION VOLTAGE REFERENCE
Systems
FEATURES
APPLICATIONS
•• 5 Volt Output …….……………………….. ±± 0.3% Max
•• A/D, D/A Converters
•• Temperature Voltage Output ……………….. 2.1mV/°°C
•• Portable Instrumentation
•• Adjustment Range …………………………… ±± 3% Min
•• Digital Voltmeters
•• Excellent Temperature Stability…………… 8.5ppm/°°C
•• Current Sources
•• Low Noise ………………………………….. 15µµV
P-P Max
•• Low Supply Current ………………………. 650µµA Typ
•• Wide Input Voltage Range …………………. 7V to 40V
•• High Load-Driving Capability
•• No External Components
•• Short -Circuit Proof
GENERAL DESCRIPTION
The AMSREF-02 is a precision voltage reference, which provides a stable +5V, which can be adjusted over a
± 6% range
with minimal effect on temperature stability. Careful design of this device improved its bandgap and as a result excellent
temperature stability is achieved. The operating supply range is 7V to 40V with a typical current drain of 650
µA.
Low cost, low noise and low power makes the AMSREF-02 an excellent choice whenever a stable voltage reference is
required. Applications include D/A and A/D converters, portable instrumentation and digital voltmeters. The versatility of
AMSREF-02 is enhanced by its use as a monolithic temperature transducer.
The AMSREF-02 is operational in the full industrial temperature range of -40
°C to 85°C and is available in the 8 lead SOIC
and plastic dip (PDIP) packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
8 LEAD SOIC
8 LEAD PDIP
TEMPERATURE RANGE
±
15mV
AMSREF-02ES
AMSREF-02EP
-40 to 85
° C
±
25mV
AMSREF-02HS
AMSREF-02HP
-40 to 85
° C
±
50mV
AMSREF-02CS
AMSREF-02CP
-40 to 85
° C
PIN CONNECTIONS
8L SOIC/ 8L PDIP
Top View
1
2
8
4
3
7
5
6 V
OUT
TRIM
N/C
N/C
V
IN
TEMP
N/C
GND


Similar Part No. - AMSREF-02C

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01C ADMOS-AMSREF-01C Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01CP ADMOS-AMSREF-01CP Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01CS ADMOS-AMSREF-01CS Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01E ADMOS-AMSREF-01E Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
More results

Similar Description - AMSREF-02C

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com