Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-02C Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMSREF-02C
Description  5V PRECISION VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-02C Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMSREF-02C Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 5Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-02
TYPICAL APPLICATIONS
±± 5V Reference
Supply Bypassing
For best results, it is recommended that the power supply pin is bypassed with a
0.1
µF disk ceramic capacitor.
Current Source
Current Sink
GND
TRIM
10k
Ω
OUTPUT
V
IN
V
O
+15V
2
6
5
4
REF-02
TEMP
3
OUTPUT ADJUSTMENT
The REF-02 trim terminal can be used to adjust the 5 Volt output
voltage
± 300mV. This feature allows the system designer to trim
system errors by setting the reference to a voltage other than 5V.
The system can also be set exactly 5.000V, or to 5.12V for binary
applications.
Adjustment of the output does not significantly affect the
temperature
performance
of
the
device.
The
temperature
coefficient change is approximately 0.7ppm/
°C for 100mV of
output adjustment.
GND
TRIM
10k
Ω
V
IN
V
O
+15V
2
6
5
4
REF-02
+15V
-15V
10k
Ω
5k
Ω
-5V
+5V
0.1
µF
OP-02
-
+
3
GND
TRIM
R
V
IN
V
O
-15V
2
6
5
4
REF-02
I
OUT
I
OUT= (5.0V/R)+1mA
VOLTAGE COMPLIANCE: -8V TO +25V
3
GND
TRIM
R
V
IN
V
O
+15V
2
6
5
4
REF-02
I
OUT
I
OUT= (5.0V/R)+1mA
VOLTAGE COMPLIANCE: -25V TO +8V
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com