Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-02C Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMSREF-02C
Description  5V PRECISION VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-02C Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMSREF-02C Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 5Page - Advanced Monolithic Systems AMSREF-02C Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-02
ABSOLUTE MAXIMUM RATINGS (Note1)
Input Voltage
40V
Storage temperature
-65
°C to +125°C
Output Short Circuit Duration
Soldering information (60 sec)
300
°C
(to Ground or VIN)
Indefinite
Thermal Resistance
Operating Temperature Range
-40
°C to 85°C
8 L SOIC
160
°C/W
Junction Temperature
-65
°C to +150°C
8 L PDIP
110
°C/W
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =+15V and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMSREF-02E
AMSREF-02 H
AMSREF-02 C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Output Voltage
IL = 0
4.985
5.000
5.015
4.975
5.000
5.025
4.950
5.000
5.050
V
Output Adjustment
Range
RP =10k
± 3.0
± 6.0
± 3.0
± 6.0
± 2.7
± 6.0
%
Output Voltage Noise
0.1Hz to 10Hz
10
15
10
15
12
18
µV
P-P
Line Regulation
(Note 5)
VIN = 8V to 33V
0.006
0.010
0.006
0.010
0.009
0.015
% V
Load Regulation
(Note 5)
IL = 0 to 10 mA,
0.005
0.010
0.006
0.010
0.006
0.015
% mA
Turn-on Setting Time
TO
± 0.1% of final
value
5
5
5
µs
Quiescent Supply
Current
No Load
0.65
1.0
0.65
1.0
0.65
1.0
mA
Load Current
10
21
10
21
8
21
mA
Sink Current
(Note 6)
-5
-10
-5
-10
-5
-10
mA
Short Circuit Current
VO = 0
30
30
30
mA
Temperature Voltage
Output
(Note 7)
630
630
630
mV
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN= 15, IL = 0mA, and -40°C
≤ T
A
≤ +85°C unless otherwise specified.
Parameter
Conditions
AMSREF-02E
AMSREF-02 H
AMSREF-02 C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Output Voltage
Change with Temp.
(Notes 2,3)
0.02
0.06
0.07
0.17
0.14
0.45
%
Output Voltage Temp.
Coefficient
(Note 4)
3
8.5
10
25
20
65
ppm/°C
Change in VO Temp.
Coefficient with
Output Adjustment
RL = 10k
0.7
0.7
0.7
ppm/°C
Line Regulation
(Note 5)
VIN = 8V to 33V
0.007
0.012
0.007
0.012
0.011
0.018
% V
Load Regulation
(Note 5)
IL = 0 to 8 mA,
0.006
0.010
0.007
0.012
0.008
0.018
% mA
Temperature Voltage
Output Temperature
Coefficient
(Note 7)
2.1
2.1
2.1
mV/
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com