Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-33 Datasheet(PDF) 10 Page - Advanced Monolithic Systems

Part # LP2951CS-33
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951CS-33 Datasheet(HTML) 10 Page - Advanced Monolithic Systems

Back Button LP2951CS-33 Datasheet HTML 6Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 7Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 8Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 9Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 10Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 11Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 12Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 13Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 14Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
LP2950/LP2951
APPLICATION HINTS (Continued)
OUTPUT
VOLTAGE
ERROR*
INPUT
VOLTAGE
4.75V
5V
1.3V
R
1
ERROR*
ERROR
OUPUT
**SHUTDOWN
INPUT
GND
FB
V
OUT
V
REF
R
2
SD
1.23V
7
4
3
8
1
5
+V
IN
+V
IN
V
OUT
1.2
30V
3.3
µF
.01
µF
+
*
100k
LP2951
FIGURE 1. ERROR Output Timing
FIGURE 2. Adjustable Regulator
*When VIN 1.3V the error flag pin becomes a high impedance,
and the error flag voltage rises to its pull-up voltage. Using Vout
as the pull-up voltage (see Figure 2), rather than an external 5V
source, will keep the error flag voltage under 1.2V (typ.) in this
condition. The user may wish to drive down the error flag
voltage using equal value resistors (10 k
suggested), to ensure
a low-level logic signal during any fault condition, while still
allowing a valid high logic level during normal operation.
*See Application Hints.
Vout = VREF
× (1 + R
1/ R2)
**Drive with TTL- high to shut down. Ground or leave if shutdown
feature is not used.
Note: Pins 2 and 6 are left open.
TYPICAL APPLICATIONS
300 mA Regulator with 0.75 Dropout
Wide Input Voltage Range Current Limiter
UNREGULATED
INPUT
LOAD
50mA TO
300mA
GND
FB
OUT
IN
4
7
6
2
1
8
V
TAP
LP2951
2N5432 (2)
SENSE
5V OUTPUT
4.7µF
27kΩ
330Ω
ERROR
ERROR
OUPUT
SHUTDOWN
INPUT
GND
FB
V
OUT
SD
7
4
3
8
1
5
+V
IN
+V
IN
LP2951
*V
OUT ≈ V
ΙΝ
*Minimum Input-Output voltage ranges from 40mV to 400mV, depending on load
current. Current limit is typically 160 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com