Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-33 Datasheet(PDF) 14 Page - Advanced Monolithic Systems

Part # LP2951CS-33
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951CS-33 Datasheet(HTML) 14 Page - Advanced Monolithic Systems

Back Button LP2951CS-33 Datasheet HTML 6Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 7Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 8Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 9Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 10Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 11Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 12Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 13Page - Advanced Monolithic Systems LP2951CS-33 Datasheet HTML 14Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
LP2950/LP2951
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
8 LEAD PLASTIC DIP PACKAGE (P)
0.045-0.065
(1.143-1.651)
0.255±0.015*
(6.477±0.381)
0.400*
(10.160)
MAX
1
2
3
4
8
7
6
5
0.130±0.005
(3.302±0.127)
0.018±0.003
(0.457±0.076)
0.100±0.010
(2.540±0.254)
(8.255
)
+0.635
-0.381
0.325 +0.025
-0.015
0.009-0.015
(0.229-0.381)
0.300-0.325
(7.620-8.255)
0.065
(1.651)
TYP
0.005
(0.127)
MIN
0.125
(3.175)
MIN
0.015
(0.380)
MIN
*DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS.
MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.010" (0.254mm)
P (8L PDIP ) AMS DRW# 042294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com