Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-33 Datasheet (PDF) - Advanced Monolithic Systems

LP2951CS-33 Datasheet PDF - Advanced Monolithic Systems
Part # LP2951CS-33
Download  LP2951CS-33 Download
File Size   142.37 Kbytes
Page   14 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 100mA LOW DROPOUT VOLTAGE REGULATOR

LP2951CS-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951CS-33 Datasheet PDF - Advanced Monolithic Systems

Part # LP2951CS-33
Download  LP2951CS-33 Click to download

File Size   142.37 Kbytes
Page   14 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 100mA LOW DROPOUT VOLTAGE REGULATOR

LP2951CS-33 Datasheet (HTML) - Advanced Monolithic Systems


LP2951CS-33 Product details

GENERAL DESCRIPTION
The LP2950 and LP2951 are micropower voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current (typ.75µA), and very low dropout voltage (typ.45mV at light loads and 380mV at 100mA) thus prolonging battery life. The quiescent current increases only slightly in dropout. The LP2950/LP2951 has positive transient protection up to 60V and can survive unregulated input transient up to 20V below ground.
The LP2950 and LP2951 were designed to include a tight initial tolerance (typ. 0.5%), excellent load and line regulation (typ. 0.05%), and a very low output voltage temperature coefficient, making these devices useful as a low-power voltage reference. The LP2950 is offered in the 3-pin TO-92 package. LP2951 is available in 8-pin plastic SOIC and DIP packages and offers three major additional system features. An error flag output warns of a low output voltage, often due to failing batteries on input. The LP2951 also features the logic-compatible shutdown input which enables the regulator to be switched on and off. The LP2951 device may be pin-strapped for a 5V, 3.3V, or 3V output, or programmed from 1.24V to 29V with an external pair of resistors.

FEATURES
• 5V, 3.3V, and 3V Versions at 100mA Output Current
• High Accuracy Output Voltage
• Extremely Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Needs Minimum Capacitance (1µF) for Stability
• Unregulated DC Positive Transients 60V

ADDITIONAL FEATURES (LP2951 ONLY)
• 1.24V to 29V Programmable Output
• Error Flag Warning of Voltage Output Dropout
• Logic Controlled Electronic Shutdown

APPLICATIONS
• Battery Powered Systems
• Portable Consumer Equipment
• Cordless Telephones
• Portable (Notebook) Computers
• Portable Instrumentation
• Radio Control Systems
• Automotive Electronics
• Avionics
• Low-Power Voltage Reference




Similar Part No. - LP2951CS-33

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
LP2951CS-3-3 SIPEX-LP2951CS-3-3 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2951CS-3-3 EXAR-LP2951CS-3-3 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2951CS-3-3/TR SIPEX-LP2951CS-3-3/TR Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2951CS-3-3/TR EXAR-LP2951CS-3-3/TR Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2951CS-3.3 SIPEX-LP2951CS-3.3 Datasheet
467Kb / 13P
100 mA Low Dropout Voltage Regulators
More results


Similar Description - LP2951CS-33

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com