Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1065 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1065
Description  65W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1065 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1065 Datasheet HTML 1Page - SL Power Electronics MINT1065 Datasheet HTML 2Page - SL Power Electronics MINT1065 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
______________________________________________________________________________________________________________________________ 1 of 3
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565  Fax 858.712.2040 Email: info@slpower.com www.slpower.com
AC Input
100-240VAC +/- 10%, 47-63 Hz single phase.
Turn On Time
Less than 1 second under all rated load conditions.
Input Current
115VAC: 0.7A, 230VAC: 1.5A.
Hold-up Time
<17 ms at 65W, nominal input (120VAC).
Inrush Current
The inrush at 264VAC, at a cold start, will not exceed 40A.
Overvoltage Protection
Built-in
Input Fuses
F1, F2: 2.5A, 250VAC fuses provided on all models.
Overload Protection
Hiccup Mode
Earth Leakage Current
<300μA @ 264Vac, 60Hz, normal; <500μA SFC.
Short Circuit Protection
Hiccup Mode
Efficiency
Up to 90% typical.
Switching Frequency
Variable 50-75kHz typical.
Output Power
65W continuous.
Medical Safety Standards
EN/IEC/UL 60601-1, 2
nd Edition, EN/IEC/UL60950-1, 2nd Edition
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode. Measured with noise
probe directly across output terminals.
Isolation
Input-Output: 4000VAC, Input-Ground: 1800VAC, Output-Ground:
500VAC
Output Voltage
See chart.
Operating Temperature
0
 to 70C (derate from full rated power above 40C).
Voltage Adjustability
Voltage pre-set by fixed resistance.
Cooling
Convection
Minimum Load
Not required.
Output Power Derating
See derating chart
Total Regulation
+/- 2%. See chart.
Storage Temperature
-40 to +85
C.
Transient Response
500μs max., 50% load step, typical.
Relative Humidity
5% to 95%, non-condensing
MINT1065
65W Single Output Series
Medical & ITE – Universal Input Power Supply
3 Year Warranty
•
65W Convection Cooled AC-DC Power Supply
•
Universal Input 90-264 VAC
•
Less than 0.5W No Load Power Dissipation
•
Rugged EMC Compliant Design
•
2” x 4” x 1.2” Package
•
Approved to EN/IEC/UL60601-1, 2
nd Edition
•
Approved to EN/IEC/UL60950-1, 2
nd Edition
•
Meets Efficiency Level IV Efficiency
•
Compliant (LVD, RoHS)
•
Optional Chassis/Cover
Specifications
All Specifications are typical at nominal input, full load at 25
C unless otherwise stated.


Similar Part No. - MINT1065

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
65W Single Output Series
MINT1065D1275K01 SLPOWER-MINT1065D1275K01 Datasheet
409Kb / 3P
65W Single Output Series
MINT1065D1375K01 SLPOWER-MINT1065D1375K01 Datasheet
409Kb / 3P
65W Single Output Series
MINT1065D1575K01 SLPOWER-MINT1065D1575K01 Datasheet
409Kb / 3P
65W Single Output Series
MINT1065D1875K01 SLPOWER-MINT1065D1875K01 Datasheet
409Kb / 3P
65W Single Output Series
More results

Similar Description - MINT1065

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
65W Single Output Medical Type
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
65W Single Output Medical Type
logo
SL Power Electronics
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
65W Single Output Series
logo
Mean Well Enterprises C...
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
65W Single Output Medical Type
logo
SL Power Electronics
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
65W Single Output Medical Series
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
65W Single Output Switching Power Supply
logo
SL Power Electronics
TB65 SLPOWER-TB65_16 Datasheet
641Kb / 6P
65W Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com