Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1065 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1065
Description  65W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1065 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1065 Datasheet HTML 1Page - SL Power Electronics MINT1065 Datasheet HTML 2Page - SL Power Electronics MINT1065 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
______________________________________________________________________________________________________________________________ 2 of 3
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565  Fax 858.712.2040 Email: info@slpower.com www.slpower.com
MINT1065X1275C01
12V
5.25A
4.00A
120mV
±2%
15.0 ± 1.5V
MINT1065X1375C01
13.2V
4.80A
3.63A
140mV
±2%
16.0 ± 1.5V
MINT1065X1575C01
15V
4.33A
3.20A
150mV
±2%
18.0 ± 1.5V
MINT1065X1875C01
18V
3.50A
2.66A
180mV
±2%
21.0 ± 2.0V
MINT1065X2075C01
20V
3.25A
2.40A
200mV
±2%
23.0 ± 2.0V
MINT1065X2475C01
24V
2.70A
2.00A
240mV
±2%
27.0 ± 2.0V
MINT1065X4875C01
48V
1.35A
1.00A
480mV
±2%
55.0 ± 4.0V
Vibration
Operating:
0.003 g
2/Hz, 1.5 g
rms overall, 3 axes, 10 min. / axis
Non-Operating:
0.026 g
2/Hz, 5.0 g
rms overall, 3 axes,
1 hr. / axis
Shock
Operating:
Half-sine, 20 gpk, 10 ms, 3 axes, 6 shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3 axes, 6 shocks total
Dimensions
W 2.0” x L 4.0” x H 1.17”. See outline drawing.
Operating Altitude
-500 to 10,000 ft.
Weight
150 grams
Non-operating Altitude
-500 to 40,000 ft.
Conducted Emissions
EN55011 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55011 Class A, FCC Part 15, Class A.
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz..
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11 240VAC, 0%/0.5 cycle, 40%/5cycles, 70%/25
cycles
MINT1065
65W Single Output Series
Medical & ITE – Universal Input Power Supply
3 Year Warranty
Model Number Key
12
Output Voltage: "12" = 12V output, "24" = 24V output, etc.
75
"75" = Output Connector - 4 pin header
MINT
Input Connector - "C" = 2 pin header
01
01 = Standard Model, 02 and higher indicates a modified model.
Product Family: "M" = Medical, "I" = Internal, "NT" = New Technology
1
# of Outputs
065
Output Power (Watts) - "065" = 65W
X
Model Configuration: "A" = Class I (grounded); "B" = Class II (ungrounded); "C" =
Chassis/cover provided (class I only)
C
Output Parameters
Model
Output Current
Ripple
Total
OVP
Number
Volts (V)
Open Frame
w/cover
& Noise
Regulation
Threshold
EMI/EMC Compliance
Specifications (continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com