Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1065 Datasheet(PDF) 3 Page - SL Power Electronics

Part # MINT1065
Description  65W Single Output Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1065 Datasheet(HTML) 3 Page - SL Power Electronics

  MINT1065 Datasheet HTML 1Page - SL Power Electronics MINT1065 Datasheet HTML 2Page - SL Power Electronics MINT1065 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
______________________________________________________________________________________________________________________________ 3 of 3
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565  Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Mechanical Drawings and Connector Information
Output Power Derating Curve
Data Sheet © 2013 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 2-1-2013
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
MINT1065
65W Single Output Series
Medical & ITE – Universal Input Power Supply
3 Year Warranty
MINT1065 Series Connectors
INPUT:
J1
AMP P/N 641937-1
PIN 1) AC LINE
PIN 2) AC NEUTRAL
OUTPUT:
J2
AMP P/N 640445-4
PIN 1) +Vout
PIN 3) -Vout
PIN 2) +Vout
PIN 4) -Vout
MATING CONNECTORS:
P1
Molex 09-50-3031
P2
Molex 09-50-3041
Pins:
Molex 08-50-0105
GND CONNECTION (Class I version)
0.187" FASTON TAB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com