Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 9 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 5Page - Linear Technology LTP5901 Datasheet HTML 6Page - Linear Technology LTP5901 Datasheet HTML 7Page - Linear Technology LTP5901 Datasheet HTML 8Page - Linear Technology LTP5901 Datasheet HTML 9Page - Linear Technology LTP5901 Datasheet HTML 10Page - Linear Technology LTP5901 Datasheet HTML 11Page - Linear Technology LTP5901 Datasheet HTML 12Page - Linear Technology LTP5901 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
9
2.8.2
Sleep
The SLEEPn digital interrupt enables an external controller to temporarily disable Eterna’s duty cycling between active and
Doze states (see Section 4.0 for state definitions). Forcing Eterna to the Doze state should only be done when absolutely
necessary, such as when taking a very sensitive sensor reading, as forcing a device into a Doze state will on the average
increase the energy consumption of other devices in the network. When SLEEPn is asserted the software will go into a Doze
state until the SLEEPn signal is negated. For details on the timing associated with SLEEPn, see Section 8.11.
2.10
Flash Programming
Eterna’s software images are loaded via the IPCS, in-circuit programming control system, SPI interface. Sequencing of
RESETn and FLASH_P_ENn, as described in Section 4.0, places Eterna in a state emulating a serial flash to support in-
circuit programming. Hardware and software for supporting development and production programming of devices is
described in 040-0110 Eterna Serial Programmer Guide. The serial protocol, SPI, and timing parameters are described in
Section 8.13.
4.0
Operation
In order to provide capabilities and flexibility in addition to ultra low power, Eterna operates in various states, as shown in
Figure 8 and described in this section.
CPU and peripherals
inactive
RESETn low and
FLASH_P_ENn low
lowPowerSleep
Command
Operation
Set RESETn high and
FLASH_P_EN high
for 125 µs, then
set RESETn low
Load Fuse
Settings
Serial Flash
Emulation
Reset
Doze
Deep Sleep
Active
Power-On
Reset
Start Up
Inactive
HW or PMU Event
RESETn low and
FLASH_P_ENn high
VSUPPLY > PoR
De-assert RESETn
Boot
Assert RESETn
Assert RESETn
Assert RESETn
Figure 8
State Diagram – Operating Modes
4.1
Start Up
Start Up occurs as a result of either tripping of the power-on-reset circuit or the assertion of RESETn. After the completion
of power-on-reset (see Section 2.1.1) or the falling edge of an internally synchronized RESETn, Eterna loads its Fuse Table
(see section 4.1.1), including setting I/O direction. In this state, Eterna checks the state of the FLASH_P_ENn and RESETn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com