Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 23 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 19Page - Linear Technology LTP5901 Datasheet HTML 20Page - Linear Technology LTP5901 Datasheet HTML 21Page - Linear Technology LTP5901 Datasheet HTML 22Page - Linear Technology LTP5901 Datasheet HTML 23Page - Linear Technology LTP5901 Datasheet HTML 24Page - Linear Technology LTP5901 Datasheet HTML 25Page - Linear Technology LTP5901 Datasheet HTML 26Page - Linear Technology LTP5901 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
23
Figure 19 RADIO_INHIBIT Timing Diagram
8.13
FLASH AC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 18
FLASH AC Timing Values
Parameter
Conditions
Min
Typ
Max
Unit
t32-BIT_WORD
Writing a 32-bit word
21
µs
tPAGE_ERASE
Page Erase
21
ms
tMASS_ERASE
Bank Erase
21
ms
8.14
Flash Programming AC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C with 10 pF load capacitance, unless otherwise
specified.
Table 19
SPI Slave AC Timing Values
Parameter
Conditions
Min
Typ
Max
Unit
tSSS
IPCS_SSn setup to leading edge of
IPCS_SCK
15
ns
tSSH
IPCS_SSn hold from trailing edge of
IPCS_SCK
15
ns
tCK
IPCS_SCK period
50
ns
tDIS
IPCS_MOSI data setup
15
ns
tDIH
IPCS_MOSI data hold
5
ns
tDOV
IPCS_MISO data valid
3
15
ns
tOFF
IPCS_MISO data tri-state
0
15
ns
Figure 20 Flash Programming Slave Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com