Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 14 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 10Page - Linear Technology LTP5901 Datasheet HTML 11Page - Linear Technology LTP5901 Datasheet HTML 12Page - Linear Technology LTP5901 Datasheet HTML 13Page - Linear Technology LTP5901 Datasheet HTML 14Page - Linear Technology LTP5901 Datasheet HTML 15Page - Linear Technology LTP5901 Datasheet HTML 16Page - Linear Technology LTP5901 Datasheet HTML 17Page - Linear Technology LTP5901 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
A d v a nce d I n fo rm a t i o n
14
Linear Technology / Dust Networks
Eterna Datasheet
Table 2
Eterna Mote Module Pinout Assignments
Mechanical
NA
MECH
Contacts for mechanical support of MMCX connector
No
Power Supply
Type
I/O
Pull
Description
1
GND
Power
-
-
Ground
11
GND
Power
-
-
Ground
20
GND
Power
-
-
Ground
30
GND
Power
-
-
Ground
34
GND
Power
-
-
Ground
37
GND
Power
-
-
Ground
42
GND
Power
-
-
Ground
56
GND
Power
-
-
Ground
66
GND
Power
-
-
Ground
55
VSUPPLY
Power
-
-
Module power supply input
No
Radio
Type
I/O
Pull
Description
4
LNA_EN
1
O
-
External LNA enable
GPIO17
1
I/O
-
General purpose digital I/O
5
RADIO_TX
1
O
-
Radio TX active (external PA enable/switch control)
GPIO18
1
I/O
-
General purpose digital I/O
6
RADIO_TXn
1
O
-
Radio TX active (external PA enable/switch control), active low
GPIO19
1
I/O
-
General purpose digital I/O
64
RADIO_INHIBIT
1*
I
-
Radio Inhibit
GPIO15
I/O
-
General purpose digital I/O
No
Analog
Type
I/O
Pull
Description
10
AI_0
Analog
I
-
Analog input 0
8
AI_1
Analog
I
-
Analog input 1
9
AI_3
Analog
I
-
Analog input 3
7
AI_2
Analog
I
-
Analog input 2
No
General
Type
I/O
Pull
Description
15
RESETn
1
I
UP
Reset, Input, active low
No
JTAG
Type
I/O
Pull
Description
16
TDI
1
I
UP
JTAG test data in
17
TDO
1
O
-
JTAG test data out
18
TMS
1
I
UP
JTAG test mode select
19
TCK
1
I
DOWN
JTAG test clock
No
CLI
Type
I/O
Pull
Description
31
UARTC0_TX
2
O
-
CLI UART 0 transmit
32
UARTC0_RX
1
I
UP
CLI UART 0 receive
No
UART
Type
I/O
Pull
Description
57
UART_RX_RTSn
1*
I
-
UART receive (RTS) request to send, active low
58
UART_RX_CTSn
1
O
-
UART receive (CTS) clear to send, active low
59
UART_RX
1*
I
-
UART receive
60
UART_TX_RTSn
1
O
-
UART transmit (RTS) request to send, active low
61
UART_TX_CTSn
1*
I
-
UART transmit (CTS) clear to send, active low
62
UART_TX
2
O
-
UART transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com