Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 1 Page - Linear Technology

  LTP5901 Datasheet HTML 1Page - Linear Technology LTP5901 Datasheet HTML 2Page - Linear Technology LTP5901 Datasheet HTML 3Page - Linear Technology LTP5901 Datasheet HTML 4Page - Linear Technology LTP5901 Datasheet HTML 5Page - Linear Technology LTP5901 Datasheet HTML 6Page - Linear Technology LTP5901 Datasheet HTML 7Page - Linear Technology LTP5901 Datasheet HTML 8Page - Linear Technology LTP5901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Linear Technology / Dust Networks
Smar t Mesh® IP
LTP5901/LTP5902-IPR
2.4 GHz 802.15.4 Eterna
TM Embedded Network Manager
About SmartMesh IP
Dust Networks’ new standards-based SmartMesh
® IP product line achieves unsurpassed levels of networking resilience and reliability, with
advanced network management and comprehensive security. Based on Dust’s breakthrough Eterna™ SoC technology, SmartMesh IP
enables up to 8 times lower power consumption than competing solutions even in harsh, dynamically changing RF environments. Cost
effective, IP (Internet Protocol) compatible, and widely applicable, SmartMesh IP serves an extensive range of applications, such as energy
management, building automation, renewable energy, and other implementations in smart infrastructure that call for ultra low power.
Product Descriptions – LTP5901/LTP5902-IPR
Based on the IETF 6LoWPAN and IEEE 802.15.4e Standards, the LTP5901/LTP5902-IPR SmartMesh IP embedded network manager
anchors the SmartMesh IP product line. It serves not only as a wireless-to-wired access point, but more importantly provides the core
networking functionality, enabling the network to achieve unsurpassed levels of resiliency, reliability, and scalability. The
LTP5901/LTP5902-IPR continuously optimizes the network and provides robustness in the face of constantly changing RF environments.
Furthermore, the network manager’s load balancing algorithms add more bandwidth for the busiest motes while maintaining traffic flow
for the rest of the network.
The LTP5901/LTP5902-IPR embedded network manager comes in an easy-to-integrate surface-mount printed circuit board (PCB) module
incorporating the LTC5800-IPR embedded network manager-on-chip. The LTP5901-IPR module includes an on-board chip antenna, while
the LTP5902-IPR module includes an MMCX antenna connector. Both PCB modules will come with modular certifications for FCC, IC,
and CE. As part of the SmartMesh IP system, the LTP5901/LTP5902-IPR enables customers to integrate a standards-based wireless
network into sensors and actuators to provide scalable bidirectional communications.
The manager offers a comprehensive application programming interface (API) via a UART interface, providing full visibility and control
over network configuration, security administration, network status, and performance statistics. With its combination of low power,
compact easy-to-integrate form factor, and sophisticated network management, the LTP5901/LTP5902-IPR embedded network manager is
ideally suited for deploying resilient, reliable mesh networks in a wide variety of environments and applications.
Key Product Features
SmartMesh IP Mesh Networking Performance
•
Advanced network management—dynamically optimizes
mesh connectivity based on the changing RF environment
•
Load balancing & optimization—adds bandwidth for the
busiest motes while maintaining normal traffic flow for the
rest of network
•
Intelligent power management—balances traffic so that
power consumption is also balanced within the network
•
Battery powered routers
•
Auto-forming, self-healing, self-sustaining—automatically
configures and maintains the network without requiring on-
site wireless expertise.
•
Compact manager design manages networks up to 32 motes
Time Synchronized Mesh Networking
•
Zero collision packet exchange—for scalability and
efficiency
•
Time-synchronized channel hopping seamlessly
compensates for in band blocking and multipath fading in
dynamic RF environments
•
Highly Accurate Time Stamping
Full Application Flexibility
•
Dynamic bandwidth—creates temporary high bandwidth
“pipes”
•
Low latency mode—mode for fastest packet
Ultra-low Power Operation
•
Industry-leading radio technology capable of line-powered,
battery-powered, or energy-scavenging operation
IP Standards Compliance
•
Compliant to IETF 6LoWPAN and IEEE 802.15.4e standards
Easy to Integrate and Deploy
•
Fully engineered RF transceiver, with power amplifier (PA),
integrated balun, and antenna matching circuitry
•
Comprehensive APIs provide rich and flexible functionality to
ease software development and device integration
Secure Global Market Solution
•
Operates on 2.4 GHz global license-free band, providing
customers with a single product for world-wide use
•
RF modular certifications (pending)—FCC, IC and CE
•
AES-128 bit encryption


Similar Part No. - LTP5901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5901 LINER-LTP5901 Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results

Similar Description - LTP5901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
2.4 GHz 802.15.4 Embedded Network Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com