Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 24 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 20Page - Linear Technology LTP5901 Datasheet HTML 21Page - Linear Technology LTP5901 Datasheet HTML 22Page - Linear Technology LTP5901 Datasheet HTML 23Page - Linear Technology LTP5901 Datasheet HTML 24Page - Linear Technology LTP5901 Datasheet HTML 25Page - Linear Technology LTP5901 Datasheet HTML 26Page - Linear Technology LTP5901 Datasheet HTML 27Page - Linear Technology LTP5901 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
A d v a nce d I n fo rm a t i o n
24
Linear Technology / Dust Networks
Eterna Datasheet
Network motes typically route through at least two parents traffic destined for the manager. The bandwidth and keep-alive
overhead required to support network motes will be shared across all of the mote's parents. The supply current plots include a
parameter called traffic-weighted descendants. In these graphs the term traffic-weighted descendants refers to an amount of
activity equivalent to the number of descendants were all of the network traffic and keep-alives directed to the mote in
question. Generally the number of descendants of a parent is more (typically 2x or more) than the number of traffic-weighted
descendants. For example, with reference to Figure 25 mote P1 has 0.75 traffic-weighted descendants. To obtain this value
notice that mote D1 routes half its packets through mote P1 adding 0.5 to the traffic-weighted descendant value; the other
half of D1's traffic is routed through its other parent, P2. Mote D2 routes half its packets through mote D1 (the other half
going through parent P3), which we know routes half its packets to mote P1, adding another 0.25 to the traffic-weighted
descendant value for a total traffic-weighted descendant value of 0.75.
Figure 25 Network Graph Depicting Traffic Weighted Descendant Value Calculation
The following plots correspond to networks with 1024 slots/frame, an assumed path stability of 80%, an 80 byte packet and
unless otherwise specified operation at 25 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com