Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 18 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 14Page - Linear Technology LTP5901 Datasheet HTML 15Page - Linear Technology LTP5901 Datasheet HTML 16Page - Linear Technology LTP5901 Datasheet HTML 17Page - Linear Technology LTP5901 Datasheet HTML 18Page - Linear Technology LTP5901 Datasheet HTML 19Page - Linear Technology LTP5901 Datasheet HTML 20Page - Linear Technology LTP5901 Datasheet HTML 21Page - Linear Technology LTP5901 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
A d v a nce d I n fo rm a t i o n
18
Linear Technology / Dust Networks
Eterna Datasheet
8.4
Radio Transmitter Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 8
Radio Transmitter Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Output power
Calibrated settings
Delivered to a 50 Ω load,
over temperature and voltage
ranges
0
+8
dBm
dBm
Spurious emissions
30 MHz to 1000 MHz
1 GHz to 12.75 GHz
Upper Band Edge (Peak)
Upper Band Edge (Average)
Lower Band Edge
Conducted measurement with a
50 Ω single-ended load, +8 dBm
output power. All measurements
made with Max Hold. RF
implementation per Eterna reference
design.
RBW = 120 kHz, VBW = 100 Hz
RBW = 1 MHz, VBW = 3 MHz
RBW = 1 MHz, VBW = 3 MHz
RBW = 1 MHz, VBW = 10 Hz
RBW = 100 kHz, VBW = 100 kHz
<–70
–45
-37
-49
-45
dBm
dBm
dBm
dBm
dBc
Harmonic emissions
2
nd Harmonic
3
rd Harmonic
Conducted measurement delivered
to a 50 Ω load, Resolution
Bandwidth = 1 MHz, Video
Bandwidth = 1 MHz, RF
implementation per Eterna reference
design
–50
–45
dBm
8.5
Digital I/O Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 9
Digital I/O Type 1
Parameter
Conditions
Min
Typ
Max
Units
VIL (low-level input voltage)
–0.3
0.6
V
VIH (high-level input voltage)
VSUPPLY
- 0.3
†
VSUPPLY
+ 0.3
†
V
VOL (low-level output voltage)
IOL(max) = 1.2 mA
0.4
V
VOH (high-level output voltage)
IOH(max) = −1.8 mA
VSUPPLY
- 0.3
†
VSUPPLY
+ 0.3
†
V
Input leakage current
pull-up / pull-down pins disabled.
50
nA
† Min and Min and Max IO input levels must respect the Minimum and Maximum voltages for VSUPPLY.
Table 10
Digital I/O Type 2
Parameter
Conditions
Min
Typ
Max
Units
VIL (low-level input voltage)
–0.3
0.6
V
VIH (high-level input voltage)
VSUPPLY
- 0.3
†
VSUPPLY
+ 0.3
†
V
VOL (low-level output voltage)
Low Drive
IOL(max) = 2.2 mA
0.4
V
VOH (high-level output voltage)
Low Drive
IOH(max) = −3.2 mA
VSUPPLY
- 0.3
†
VSUPPLY
+ 0.3
†
V
VOL (low-level output voltage)
High Drive
IO(max) = 4.5 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com