Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 10Page - Linear Technology LTC6409 Datasheet HTML 11Page - Linear Technology LTC6409 Datasheet HTML 12Page - Linear Technology LTC6409 Datasheet HTML 13Page - Linear Technology LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC6417
14
6417f
Typical perForMance characTerisTics
Differential Input Return Loss
(S11) vs Frequency
Differential Reverse Isolation
(S12) vs Frequency
Differential Forward Gain (S21)
vs Frequency
Differential Output Return Loss
(S22) vs Frequency
LTC6417 Driving LTC2209
16-Bit ADC, 32K Point FFT,
fIN = 69.5MHz, –1dBFS, PGA = 0
Small Signal Transient Response,
Falling Edge
Small Signal Transient Response,
Rising Edge
Overdrive Recovery and
Overrange Response
FREQUENCY (MHz)
6417 G59
10
1000
100
0
–20
–30
–10
–40
R = 23.7Ω
R = 0Ω
DEMO BOARD DC1660B
FREQUENCY (MHz)
6417 G60
10
1000
100
–60
–100
–80
–120
R = 0Ω
R = 23.7Ω
DEMO BOARD DC1660B
FREQUENCY (MHz)
6417 G61
10
1000
100
10
5
–5
0
–10
R = 0Ω
R = 23.7Ω
DEMO BOARD DC1660B
FREQUENCY (MHz)
6417 G62
10
1000
100
0
–20
–30
–10
–40
R = 23.7Ω
R = 0Ω
DEMO BOARD DC1660B
FREQUENCY (MHz)
6417 G63
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
HDR = –92dBc
HD3 = –86dBc
SFDR = 86dBc
SNR = 76.2dB
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
2
3
1
Small Signal Transient Response,
Falling Edge with Input
1.25ns/DIV
6417 G55
62.5mV/
DIV
1.25ns/DIV
6417 G56
62.5mV/
DIV
20mV/
DIV
1.25ns/DIV
6417 G57
62.5mV/
DIV
10ns/DIV
6417 G58
10mV/
DIV
600mV/
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com