Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology LTC6409 Datasheet HTML 23Page - Linear Technology LTC6409 Datasheet HTML 24Page - Linear Technology LTC6409 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC6417
21
6417f
applicaTions inForMaTion
Output Common Mode Adjustment
For AC-coupled applications, the output common mode
voltage is set by the VCM pin. An internal buffer, as shown
in Figure 6, couples the voltage on the VCM pin to the
inputs via high impedance resistors. Because the input
common mode voltage is approximately the same as the
output common mode voltage, both are approximately
equal to the voltage applied to the VCMpin.ForDC-coupled
applications, the internal VCM is overdriven by the input
signal. The VCM pin has a Thevenin equivalent resistance
of 2.7k and can be overdriven by an external voltage. The
VCM pin floats to a default voltage of 1.25V on a 5V supply.
The output common mode voltage is capable of tracking
VCM in a range from 0.29V to 2.25V on a 5.0V supply. The
VCM pin can be floated, but it should always be bypassed
close to the LTC6417 with a 0.1µF bypass capacitor to
GND. When interfacing with A/D converters such as the
LTC22xx families, the VCM pin can be connected to the
VCM output pin of the ADC, as shown in Figure 5.
Clamping, the CLHI Pin and the VCM Pin
The CLHI pin is used to set the high side clamp voltage
of the high speed internal circuitry.
This limits the single-ended maximum and minimum
voltage excursion at each of the outputs. This feature is
extremely important in applications with input signals
having very large peak-to-average ratios such as cellular
base station receivers.
Internal circuitry generates a symmetric low side clamp
voltage with respect to the common mode voltage VCM
(Figures 7 and 8). The LTC6417 clamp control circuitry
features two additional mechanisms. First, internally im-
posedmaximumswingof2.5Vandminimumswingof0.2V
ensure that the transistors do not go into deep saturation.
Thisensuresaquickrecoveryaftertheclampsarereleased.
Second, if CLHI voltage is less than VCM, internal CLLO
starts to track CLHI. This limits output swing and protects
output transistors. Since the clamp response is on the
order of 5ns to clamp and 1ns to release, clamp circuit
becomes less effective at frequencies beyond 160MHz.
Figure 6. LTC6417 Internal Topology Showing
the Common Mode Buffer Biasing the Inputs
6417 F06
x1
x1
1.5Ω
10.8k
V+
IN+
OUT+
OUT–
IN–
GND
VCM
3.6k
9.25k
9.25k
x1
1.5Ω
LTC6417
Figure 7. Internal Circuitry Generating Symmetric
Clamp Voltages with Respect to VCM
Figure 8. Symmetric High- and Low-Side Clamp
Voltages with Respect to VCM
6417 F07
x1
–
+
V+
CLHI
CLHI (INT)
CLLO (INT)
GND
x2
VCM
9.6k
9.6k
LTC6417
6417 F08
VCM
CLHI
CLLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com