Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 4 Page - Linear Technology

  LTC6409 Datasheet HTML 1Page - Linear Technology LTC6409 Datasheet HTML 2Page - Linear Technology LTC6409 Datasheet HTML 3Page - Linear Technology LTC6409 Datasheet HTML 4Page - Linear Technology LTC6409 Datasheet HTML 5Page - Linear Technology LTC6409 Datasheet HTML 6Page - Linear Technology LTC6409 Datasheet HTML 7Page - Linear Technology LTC6409 Datasheet HTML 8Page - Linear Technology LTC6409 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC6417
4
6417f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Clamping Characteristics
VCLHIDEFAULT
Default Output Clamp Voltage, High
l
2.4
2.35
2.48
2.55
2.6
V
V
VOS (CLHI – VOUTCM) Offset Voltage, CLHI to VOUTCM
l
–60
–85
20
80
85
mV
mV
VOS (CLLO – VOUT)
Offset Voltage, CLLO to VOUT
VCLHI = 2.0V, VCM = 1.25V, IN+ = 2.4V,
IN– = 0.1V
l
–100
–110
10
100
110
mV
mV
GLOHI
Low Side Clamp Gain with Respect to
CLHI Pin
VCLHI = 2.0V, VCM = 1.25V, IN+ = 2.4V,
IN– = 0.1V
l
–1.2
–1.25
–1
–0.8
–0.75
V/V
V/V
GLOCM
Low Side Clamp Gain with Respect to
CM Pin
VCLHI = 2.0V, VCM = 1.25V, IN+ = 2.4V,
IN– = 0.1V
l
1.65
1.5
1.9
2.2
2.25
V/V
V/V
RCLHI
CLHI Pin Input Resistance
VCLHI = 1.5V to 2.5V
l
3.4
3.1
4.8
5.7
6
kΩ
kΩ
IBCLHI
CLHI Pin Bias Current
VCLHI = 2.5V
l
–12
–12.5
3
18
18.5
µA
µA
Power Supply
VS
Supply Voltage Range
l
4.75
5.25
V
IS
Supply Current
l
100
95
123
140
145
mA
mA
PSRR
Power Supply Rejection Ratio
VS = 4.75V to 5.25V
l
65
63
72
dB
dB
SHDN Pin
ISSHDN
Shutdown Current
VSHDN = 5V
l
17
15
24
29
35
mA
mA
VSHDNDEFAULT
Default Shutdown Voltage
l
0.1
V
VIL,SHDN
SHDN Input Low Voltage
l
2
V
VIH,SHDN
SHDN Input High Voltage
l
3.5
V
IIL,SHDN
SHDN Input Low Current
SHDN = 0V
l
–1.6
–2
0
1.6
2
µA
µA
IIH,SHDN
SHDN Input High Current
SHDN = 5V
l
275
250
380
450
475
µA
µA
CSHDN
SHDN Pin Input Capacitance
1
pF
RSHDN
SHDN Pin Input Resistance
SHDN = 2.5V to 5V
l
6
5
10.5
14
15
kΩ
kΩ
PWRADJ Pin
VPWRADJDEFAULT
Default PWRADJ Voltage
PWRADJ Floating
1.5
1.45
1.65
1.8
1.85
V
V
ISL
Supply Low Current
PWRADJ = 0V
l
45
40
74
105
110
mA
mA
IIL,PWRADJ
PWRADJ Input Low Current
PWRADJ = 0V
l
–145
–165
–120
–80
–75
µA
µA
IIH,PWRADJ
PWRADJ Input High Current
PWRADJ = 5V
l
210
200
240
290
300
µA
µA
CPWRADJ
PWRADJ Pin Input Capacitance
1
pF
Dc elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V, CLHI = V+,
PWRADJ = V+, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com