Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4613
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTM8045
16
8045fa
For more information www.linear.com/8045
APPLICATIONS INFORMATION
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of the LTM8045. However, these capaci-
tors can cause problems if the LTM8045 is plugged into a
live input supply (see Application Note 88 for a complete
discussion).Thelowlossceramiccapacitorcombinedwith
stray inductance in series with the power source forms an
underdamped tank circuit, and the voltage at the VIN pin
of the LTM8045 can ring to more than twice the nominal
input voltage, possibly exceeding the LTM8045’s rating
and damaging the part. If the input supply is poorly con-
trolled or the user will be plugging the LTM8045 into an
energized supply, the input network should be designed
to prevent this overshoot. This can be accomplished by
installing a small resistor in series with VIN, but the most
popular method of controlling input voltage overshoot is
to add an electrolytic bulk capacitor to the VIN net. This
capacitor’s relatively high equivalent series resistance
damps the circuit and eliminates the voltage overshoot.
The extra capacitor improves low frequency ripple filter-
ing and can slightly improve the efficiency of the circuit,
though it is physically large.
Thermal Considerations
The LTM8045 output current may need to be derated if
it is required to operate in a high ambient temperature or
deliver a large amount of continuous power. The amount
of current derating is dependent upon the input voltage,
output power and ambient temperature. The temperature
rise curves given in the Typical Performance Character-
istics section can be used as a guide. These curves were
generated by a LTM8045 mounted to a 25.8cm2 4-layer
FR4 printed circuit board with a copper thickness of 2oz
for the top and bottom layer and 1oz for the inner layers.
Boards of other sizes and layer count can exhibit differ-
ent thermal behavior, so it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental operating conditions.
ThethermalresistancenumberslistedinthePinConfigura-
tion section of the data sheet are based on modeling the
µModule package mounted on a test board specified per
JESD 51-9 (“Test Boards for Area Array Surface Mount
PackageThermalMeasurements”).Thethermalcoefficients
provided in this page are based on JESD 51-12 (“Guide-
lines for Reporting and Using Electronic Package Thermal
Information”).
Forincreasedaccuracyandfidelitytotheactualapplication,
many designers use FEA to predict thermal performance.
To that end, the Pin Configuration section of the data sheet
typically gives four thermal coefficients:
•
θJA – Thermal resistance from junction to ambient
•
θJCbottom – Thermal resistance from junction to the
bottom of the product case
•
θJCtop – Thermal resistance from junction to top of the
product case
•
θJB – Thermal resistance from junction to the printed
circuit board.
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12, and are quoted or paraphrased below:
•
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure.Thisenvironmentissometimesreferredtoas
“still air” although natural convection causes the air to
move.Thisvalueisdeterminedwiththepartmountedto
a JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
•
θJCbottomisthethermalresistancebetweenthejunction
and bottom of the package with all of the component
power dissipation flowing through the bottom of the
package. In the typical µModule converter, the bulk of
the heat flows out the bottom of the package, but there
is always heat flow out into the ambient environment.
As a result, this thermal resistance value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com