Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4613
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 3 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTM8045
3
8045fa
For more information www.linear.com/8045
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8045E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8045I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. The LTM8045MP is guaranteed to meet specifications over the
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RUN = 12V unless otherwise specified. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Voltage
l
2.8
18
V
Positive Output DC Voltage
IOUT = 0.7A, RFB = 15.4kΩ, VOUT– Grounded
IOUT = 0.375A, RFB =165kΩ, VOUT– Grounded
2.5
15
V
V
Negative Output DC Voltage
IOUT = 0.7A, RFB = 30.0kΩ, VOUT+ Grounded
IOUT = 0.375A, RFB =178kΩ, VOUT+ Grounded
–2.5
–15
V
V
Continuous Output DC Current
VIN = 12V, VOUT = 2.5V or –2.5V
VIN = 12V, VOUT = 15V or –15V
0.7
0.375
A
A
VIN Quiescent Current
VRUN = 0V
Not Switching
0
10
1
µA
mA
Line Regulation
4V ≤ VIN ≤ 18V, IOUT = 0.2A
0.6
%
Load Regulation
0.01A ≤ IOUT ≤ 0.58A
0.2
%
Output RMS Voltage Ripple
VIN = 12V, VOUT = 5V, IOUT = 580mA, 100kHz to 4MHz
4
mV
Input Short-Circuit Current
VOUT+ = VOUT– = 0V, VIN = 12V
200
mA
Switching Frequency
RT = 45.3k
RT = 464k
l
l
1800
180
2000
200
2200
220
kHz
kHz
Voltage at FB Pin (Positive Output)
Voltage at FB Pin (Negative Output)
l
l
1.195
0
1.215
5
1.235
12
V
mV
Current into FB Pin (Positive Output)
Current into FB Pin (Negative Output)
l
l
81
81
83.3
83.3
86
86.5
µA
µA
RUN Pin Threshold Voltage
RUN Pin Rising
RUN Pin Falling
1.235
1.32
1.29
1.385
V
V
RUN Pin Current
VRUN = 3V
VRUN = 1.3V
VRUN = 0V
9.7
40
11.6
0
60
13.4
0.1
µA
µA
µA
SS Sourcing Current
SS = 0V
5
8
13
µA
Synchronization Frequency Range
200
2000
kHz
Synchronization Duty Cycle
35
65
%
SYNC Input Low Threshold
0.4
V
SYNC Input High Threshold
1.3
V
full –55°C to 125°C internal operating temperature range. Note that
the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: This μModule converter includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Internal temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum internal
operating junction temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com