Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4613
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 5 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTM8045
5
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
2.5VOUT SEPIC
Efficiency
–8VOUT Inverting Converter
Efficiency
–12VOUT Inverting Converter
Efficiency
–15VOUT Inverting Converter
Input Current vs Output Current,
3.3VOUT SEPIC
Input Current vs Output Current,
5VOUT SEPIC
Input Current vs Output Current,
8VOUT SEPIC
Input Current vs Output Current,
12VOUT SEPIC
Input Current vs Output Current,
15VOUT SEPIC
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G10
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G11
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G12
0
300
400
100
200
500
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
600
200
100
8045 G13
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
700
600
200
100
8045 G14
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
800
700
600
200
100
8045 G15
0
300 400
100 200
500 600 700
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G16
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
1000
900
800
700
600
200
100
8045 G17
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G18
0
300
400
100
200
500
5VIN
12VIN
18VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com