Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKWI50-48S033 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MKWI50-48S033
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50-48S033 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MKWI50-48S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4 Page 6 of 8
®
Heatsink (Option –HS)
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Black Anodized Coating
Weight
:
9g
►The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating
temperature atmosphere.
2. To upgrade the operating temperature of DC/DC converters,
please refer to Derating Curve.
EMI-Filter to meet EN 55022, class A; FCC part 15 ,level A
Conducted and radiated emissions EN55022 Class A
Part No.
MKWI50-24SXX
MKWI50-48SXX
C1
10μF/50V 1210 X7S MLCC
3.3μF/100V 1210 X7S MLCC
C2
1000pF/2KV 1206 MLCC
1000pF/2KV 1206 MLCC
L1
SMTDR54-1R5M-JT8
SMTDR54-6R8M-JT8
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com