Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKWI50-48S033 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKWI50-48S033
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50-48S033 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKWI50-48S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4 Page 2 of 8
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.5
%
Load Regulation
Min. Load to Full Load
---
---
±0.5
%
Minimum Load
No minimum Load Requirement
3.3V & 5V Models(3)
---
100
---
mV P-P
Ripple & Noise (20MHz bandwith)
12V, 15V & 24V Models(3)
---
150
---
mV P-P
Transient Recovery Time
25% Load Step Change(2)
---
250
---
μsec
Temperature Coefficient
---
---
±0.02
%/
℃
Over Load Protection
Current Limitation at 150% typ. of Iout max., Hiccup
Short Circuit Protection
Hiccup Automatic Recovery
Over Voltage Protection
For Shutdown Voltage see Model Selection Guide
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
2200
pF
Switching Frequency
---
285
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
233,500
---
---
Hours
Safety Approvals(pending)
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
24V Input Models
48V Input Models
10000mA Slow-Blow Type
5000mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0V ~ 1.2V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
0.5
---
mA
Control Input Current (off)
Vctrl = 0V
---
-0.5
---
mA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
---
2.5
---
mA
Output Voltage Trim
Parameter
Conditions
Min.
Typ.
Max.
Unit
% of nominal output voltage (24Vo Models)
+20 / -10
---
---
%
Trim Up / Down Range (8)
% of nominal output voltage (Other Models)
±10
---
---
%
Environmental Specifications
Max.
Parameter
Model
Min.
without Heatsink
with Heatsink
Unit
MKWI50-24S033, MKWI50-48S033
61
69
MKWI50-24S12, MKWI50-24S15
MKWI50-48S12, MKWI50-48S15
53
62
MKWI50-24S05, MKWI50-24S24
Operating Ambient Temperature Range
(Natural Convection, see Derating)
MKWI50-48S05, MKWI50-48S24
-40
46
57
℃
Natural Convection without Heatsink
12.1
---
℃/W
Natural Convection with Heatsink
9.8
---
℃/W
100LFM Convection without Heatsink
9.2
---
℃/W
100LFM Convection with Heatsink
5.4
---
℃/W
200LFM Convection without Heatsink
7.8
---
℃/W
200LFM Convection with Heatsink
4.5
---
℃/W
400LFM Convection without Heatsink
5.2
---
℃/W
Thermal Impedance
400LFM Convection with Heatsink
3.0
---
℃/W
Case Temperature
---
+105
℃
Thermal Protection
Shutdown Temperature
110
℃ typ.
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com