Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKWI50-48S033 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MKWI50-48S033
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50-48S033 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MKWI50-48S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50-48S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4 Page 4 of 8
®
Efficiency Curve @25
℃
MKWI50-24S033 Efficiency vs Load Current
MKWI50-24S05 Efficiency vs Load Current
MKWI50-24S12 Efficiency vs Load Current
MKWI50-24S15 Efficiency vs Load Current
MKWI50-24S24 Efficiency vs Load Current
MKWI50-48S033 Efficiency vs Load Current
MKWI50-48S05 Efficiency vs Load Current
MKWI50-48S12 Efficiency vs Load Current
MKWI50-48S15 Efficiency vs Load Current
MKWI50-48S24 Efficiency vs Load Current
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com