Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02HD Datasheet(PDF) 6 Page - Motorola, Inc

Part # MMDF2C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C02HD Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MMDF2C02HD Datasheet HTML 2Page - Motorola, Inc MMDF2C02HD Datasheet HTML 3Page - Motorola, Inc MMDF2C02HD Datasheet HTML 4Page - Motorola, Inc MMDF2C02HD Datasheet HTML 5Page - Motorola, Inc MMDF2C02HD Datasheet HTML 6Page - Motorola, Inc MMDF2C02HD Datasheet HTML 7Page - Motorola, Inc MMDF2C02HD Datasheet HTML 8Page - Motorola, Inc MMDF2C02HD Datasheet HTML 9Page - Motorola, Inc MMDF2C02HD Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MMDF2C02HD
6
Motorola TMOS Power MOSFET Transistor Device Data
N–Channel
P–Channel
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (Volts)
400
600
800
1200
1000
10
0
10
15
VGS
VDS
5
5
Ciss
Coss
Crss
200
VDS = 0 V
VGS = 0 V
Ciss
Crss
0
20
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (Volts)
400
800
1000
1400
Figure 7. Capacitance Variation
1200
10
0
10
15
20
VGS
VDS
5
5
Crss
TJ = 25°C
Ciss
Coss
Crss
200
Ciss
600
VDS = 0 V
VGS = 0 V
Figure 7. Capacitance Variation
TJ = 25°C
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
100
10
VDD = 10 V
ID = 2 A
VGS = 10 V
TJ = 25°C
tr
td(off)
td(on)
tf
18
15
12
9
3
0
0
10
6
2
0
QT, TOTAL GATE CHARGE (nC)
12
8
4
16
ID = 2 A
TJ = 25°C
4
VDS
VGS
QT
Q2
Q3
Q1
8
12
6
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
RG, GATE RESISTANCE (OHMS)
1
10
100
10
1
VDD = 10 V
ID = 3 A
VGS = 10 V
TJ = 25°C
tr
tf
td(off)
td(on)
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
24
20
16
12
8
4
0
0
10
6
2
0
QT, TOTAL GATE CHARGE (nC)
12
8
4
2
4
6
8
14
ID = 3 A
TJ = 25°C
10
12
VDS
VGS
QT
Q2
Q3
Q1
100
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com