Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF2C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C02HD Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF2C02HD Datasheet HTML 1Page - Motorola, Inc MMDF2C02HD Datasheet HTML 2Page - Motorola, Inc MMDF2C02HD Datasheet HTML 3Page - Motorola, Inc MMDF2C02HD Datasheet HTML 4Page - Motorola, Inc MMDF2C02HD Datasheet HTML 5Page - Motorola, Inc MMDF2C02HD Datasheet HTML 6Page - Motorola, Inc MMDF2C02HD Datasheet HTML 7Page - Motorola, Inc MMDF2C02HD Datasheet HTML 8Page - Motorola, Inc MMDF2C02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF2C02HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
V(BR)DSS
20
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
IDSS
(N)
(P)
1.0
1.0
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
1.5
2.0
Vdc
Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 1.5 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
(N)
(P)
0.074
0.152
0.100
0.180
Ohm
Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 3.0 Adc)
(VGS = 10 Vdc, ID = 2.0 Adc)
RDS(on)
(N)
(P)
0.058
0.118
0.090
0.160
Ohm
Forward Transconductance
(VDS = 3.0 Vdc, ID = 1.5 Adc)
(VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
(N)
(P)
2.0
2.0
3.88
3.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
(N)
(P)
455
420
630
588
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
(N)
(P)
184
290
250
406
Transfer Capacitance
Crss
(N)
(P)
45
116
90
232
SWITCHING CHARACTERISTICS(3)
Turn–On Delay Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(on)
(N)
(P)
11
19
22
38
ns
Rise Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
tr
(N)
(P)
58
66
116
132
Turn–Off Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
(N)
(P)
17
25
35
50
Fall Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
tf
(N)
(P)
20
37
40
74
Turn–On Delay Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(on)
(N)
(P)
7.0
11
21
22
Rise Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
tr
(N)
(P)
32
21
64
42
Turn–Off Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
(N)
(P)
27
45
54
90
Fall Time
VGS = 10 Vdc,
RG = 6.0 Ω)
tf
(N)
(P)
21
36
42
72
Total Gate Charge
(VDS = 16 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
(N)
(P)
12.5
15
18
20
nC
Gate–Source Charge
(VDS = 16 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
Q1
(N)
(P)
1.3
1.2
Gate–Drain Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q2
(N)
(P)
2.8
5.0
VGS = 10 Vdc)
Q3
(N)
(P)
2.4
4.0
(1) Negative signs for P–Channel device omitted for clarity.
(continued)
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(3) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com