Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C02HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF2C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C02HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF2C02HD Datasheet HTML 1Page - Motorola, Inc MMDF2C02HD Datasheet HTML 2Page - Motorola, Inc MMDF2C02HD Datasheet HTML 3Page - Motorola, Inc MMDF2C02HD Datasheet HTML 4Page - Motorola, Inc MMDF2C02HD Datasheet HTML 5Page - Motorola, Inc MMDF2C02HD Datasheet HTML 6Page - Motorola, Inc MMDF2C02HD Datasheet HTML 7Page - Motorola, Inc MMDF2C02HD Datasheet HTML 8Page - Motorola, Inc MMDF2C02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF2C02HD
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SOURCE–DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage(2)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
0.79
1.5
1.3
2.1
Vdc
Reverse Recovery Time
(IS = 3.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/µs)
(IS = 2.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
(N)
(P)
23
38
ns
(IS = 3.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
(N)
(P)
18
17
(IS = 2.0 Adc, VAS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
(N)
(P)
5.0
21
Reverse Recovery Stored Charge
dIS/dt = 100 A/µs)
QRR
(N)
(P)
0.025
0.034
µC
(1) Negative signs for P–Channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
TYPICAL ELECTRICAL CHARACTERISTICS
N–Channel
P–Channel
3.9 V
VDS ≥ 10 V
100
°C
25
°C
TJ = – 55°C
0
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
1
2
4
3
1.0
1.5
2.0
3.5
2.5
3.0
0
2
4
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
3
1
Figure 1. On–Region Characteristics
1
1.4
1.8
3.4
0
2
4
6
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VDS ≥ 10 V
TJ = 100°C
25
°C
– 55
°C
2.2
2.6
3
0
0.2
0.4
0.6
0.8
1.4
0
2
4
6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
1
1.2
Figure 2. Transfer Characteristics
1.6
1.8
2
5
3
1
3.7 V
3.1 V
2.7 V
2.9 V
VGS = 10 V
3.3 V
3.5 V
2.5 V
4.5 V
TJ = 25°C
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2
3.7 V
3.1 V
2.7 V
2.9 V
3.3 V
3.5 V
4.5 V
3.9 V
TJ = 25°C
2.5 V
VGS = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com