Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C03HD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMDF2C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C03HD Datasheet(HTML) 4 Page - Motorola, Inc

  MMDF2C03HD Datasheet HTML 1Page - Motorola, Inc MMDF2C03HD Datasheet HTML 2Page - Motorola, Inc MMDF2C03HD Datasheet HTML 3Page - Motorola, Inc MMDF2C03HD Datasheet HTML 4Page - Motorola, Inc MMDF2C03HD Datasheet HTML 5Page - Motorola, Inc MMDF2C03HD Datasheet HTML 6Page - Motorola, Inc MMDF2C03HD Datasheet HTML 7Page - Motorola, Inc MMDF2C03HD Datasheet HTML 8Page - Motorola, Inc MMDF2C03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMDF2C03HD
4
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
N–Channel
P–Channel
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
0.4
0.5
0.6
0.3
0.1
0.2
0
2
3
4
5
8
6
7
9
10
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID = 1.5 A
TJ = 25°C
0.05
ID, DRAIN CURRENT (AMPS)
0.08
0
0.5
1
2.5
3
0.06
0.07
1.5
2
10 V
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 1.5 A
125
75
25
– 25
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
0
0.5
1
1.5
2
4
0.10
0.15
0.20
0.25
0.30
TJ = 25°C
VGS = 4.5 V
2.5
3
3.5
10 V
0
1
2
3
4
10
0
0.1
0.3
0.4
0.6
ID = 1 A
TJ = 25°C
0.2
5
6
7
8
9
0.5
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0.6
VGS = 10 V
ID = 2 A
1.4
– 25
25
75
125
0.8
1.6
1.2
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com