Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C03HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF2C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C03HD Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF2C03HD Datasheet HTML 1Page - Motorola, Inc MMDF2C03HD Datasheet HTML 2Page - Motorola, Inc MMDF2C03HD Datasheet HTML 3Page - Motorola, Inc MMDF2C03HD Datasheet HTML 4Page - Motorola, Inc MMDF2C03HD Datasheet HTML 5Page - Motorola, Inc MMDF2C03HD Datasheet HTML 6Page - Motorola, Inc MMDF2C03HD Datasheet HTML 7Page - Motorola, Inc MMDF2C03HD Datasheet HTML 8Page - Motorola, Inc MMDF2C03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF2C03HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
V(BR)DSS
—
30
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
IDSS
(N)
(P)
—
—
—
—
1.0
1.0
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
—
100
nAdc
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
(N)
(P)
1.0
1.0
1.7
1.5
3.0
2.0
Vdc
Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 3.0 Adc)
(VGS = 10 Vdc, ID = 2.0 Adc)
RDS(on)
(N)
(P)
—
—
0.06
0.17
0.070
0.200
Ohm
Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 1.5 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
(N)
(P)
—
—
0.065
0.225
0.075
0.300
Ohm
Forward Transconductance
(VDS = 3.0 Vdc, ID = 1.5 Adc)
(VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
(N)
(P)
2.0
2.0
3.6
3.4
—
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 24 Vdc, VGS = 0
Vdc,
f = 1.0 MHz)
Ciss
(N)
(P)
—
—
450
397
630
550
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0
Vdc,
f = 1.0 MHz)
Coss
(N)
(P)
—
—
160
189
225
250
Transfer Capacitance
f = 1.0 MHz)
Crss
(N)
(P)
—
—
35
64
70
126
SWITCHING CHARACTERISTICS(3)
Turn–On Delay Time
(VDD = 15 Vdc, ID = 3.0
Adc,
td(on)
(N)
(P)
—
—
12
16
24
32
ns
Rise Time
Adc,
VGS = 4.5 Vdc,
RG = 9.1 Ω)
(VDD = 15 Vdc, ID = 2.0
Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
tr
(N)
(P)
—
—
65
18
130
36
Turn–Off Delay Time
(VDD = 15 Vdc, ID = 2.0
Adc,
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
(N)
(P)
—
—
16
63
32
126
Fall Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
tf
(N)
(P)
—
—
19
194
38
390
Turn–On Delay Time
(VDD = 15 Vdc, ID = 3.0
Adc,
td(on)
(N)
(P)
—
—
8.0
9.0
16
18
Rise Time
Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
(VDD = 15 Vdc, ID = 2.0
Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
tr
(N)
(P)
—
—
15
10
30
20
Turn–Off Delay Time
(VDD = 15 Vdc, ID = 2.0
Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
(N)
(P)
—
—
30
81
60
162
Fall Time
VGS = 10 Vdc,
RG = 6.0 Ω)
tf
(N)
(P)
—
—
23
192
46
384
Total Gate Charge
(VDS = 10 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
(VDS = 24 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
(N)
(P)
—
—
11.5
14.2
16
19
nC
Gate–Source Charge
(VDS = 10 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
(VDS = 24 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q1
(N)
(P)
—
—
1.5
1.1
—
—
Gate–Drain Charge
(VDS = 24 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q2
(N)
(P)
—
—
3.5
4.5
—
—
VGS = 10 Vdc)
Q3
(N)
(P)
—
—
2.8
3.5
—
—
(1) Negative signs for P–Channel device omitted for clarity.
(continued)
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(3) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com