Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF2C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF2C03HD Datasheet HTML 1Page - Motorola, Inc MMDF2C03HD Datasheet HTML 2Page - Motorola, Inc MMDF2C03HD Datasheet HTML 3Page - Motorola, Inc MMDF2C03HD Datasheet HTML 4Page - Motorola, Inc MMDF2C03HD Datasheet HTML 5Page - Motorola, Inc MMDF2C03HD Datasheet HTML 6Page - Motorola, Inc MMDF2C03HD Datasheet HTML 7Page - Motorola, Inc MMDF2C03HD Datasheet HTML 8Page - Motorola, Inc MMDF2C03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
Complementary TMOS
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain-to-source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc-dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are
switched and offer additional safety margin against unexpected
voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends
Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO-8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO-8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)(1)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Gate–to–Source Voltage
VGS
± 20
Vdc
Drain Current — Continuous N–Channel
P–Channel
Drain Current — Pulsed
N–Channel
P–Channel
ID
IDM
4.1
3.0
21
15
A
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Total Power Dissipation @ TA= 25°C (2)
PD
2.0
Watts
Thermal Resistance — Junction to Ambient (2)
R
θJA
62.5
°C/W
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 30 V, VGS = 5.0 V, Peak IL = 9.0 Apk, L = 8.0 mH, RG = 25 Ω)
N–Channel
(VDD = 30 V, VGS = 5.0 V, Peak IL = 6.0 Apk, L = 18 mH, RG = 25 Ω)
P–Channel
EAS
324
324
mJ
Maximum Lead Temperature for Soldering, 0.0625
″ from case. Time in Solder Bath is 10 seconds.
TL
260
°C
DEVICE MARKING
D2C03
(1) Negative signs for P–Channel device omitted for clarity.
(2) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with one die operating, 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF2C03HDR2
13
″
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMDF2C03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
D
S
G
P–Channel
D
S
G
N–Channel
CASE 751–05, Style 14
SO–8
MMDF2C03HD
COMPLEMENTARY
DUAL TMOS POWER FET
2.0 AMPERES
30 VOLTS
RDS(on) = 0.070 OHM
(N-CHANNEL)
RDS(on) = 0.200 OHM
(P-CHANNEL)
Motorola Preferred Device
™
N–Source
1
2
3
4
8
7
6
5
Top View
N–Gate
P–Source
P–Gate
N–Drain
N–Drain
P–Drain
P–Drain
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 5


Similar Part No. - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2C03HD ONSEMI-MMDF2C03HD Datasheet
116Kb / 10P
Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
MMDF2C03HDR2 ONSEMI-MMDF2C03HDR2 Datasheet
116Kb / 10P
Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
MMDF2C03HDR2G ONSEMI-MMDF2C03HDR2G Datasheet
116Kb / 10P
Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMDF2C03HDR2G VBSEMI-MMDF2C03HDR2G Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3C03HD MOTOROLA-MMDF3C03HD Datasheet
272Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB2N40E MOTOROLA-MTB2N40E Datasheet
271Kb / 10P
TMOS POWER FET 2.0 AMPERES 400 VOLTS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
TMOS POWER FET 2.0 AMPERES 600 VOLTS
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
TMOS POWER FET 2.0 AMPERES 500 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com