Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF41632 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-SF41632
Description  ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF41632 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT-SF41632 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Aeroflex Circuit Technology
SCD3851 REV A 5/21/98
Plainview NY (516) 694-6700
9
Pin Numbers & Functions
66 Pins — PGA-Type
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
I/O8
18
A15
35
I/O25
52
FWE3
2
I/O9
19
Vcc
36
I/O26
53
SWE3
3
I/O10
20
FCE
37
A7
54
GND
4
A14
21
SCE
38
A12
55
I/O19
5
A16
22
I/O3
39
SWE1
56
I/O31
6
A11
23
I/O15
40
A13
57
I/O30
7
A0
24
I/O14
41
A8
58
I/O29
8
A18
25
I/O13
42
I/O16
59
I/O28
9
I/O0
26
I/O12
43
I/O17
60
A1
10
I/O1
27
OE
44
I/O18
61
A2
11
I/O2
28
A17
45
VCC
62
A3
12
FWE2
29
FWE1
46
SWE4
63
I/O23
13
SWE2
30
I/O7
47
FWE4
64
I/O22
14
GND
31
I/O6
48
I/O27
65
I/O21
15
I/O11
32
I/O5
49
A4
66
I/O20
16
A10
33
I/O4
50
A5
17
A9
34
I/O24
51
A6
"P5" — 1.385" SQ PGA Type Special Order Package (without shoulders
)
"P1" — 1.385" SQ PGA Type Package Standard (with shoulders on Pins 1, 11, 56 & 66)
.220
MAX
Bottom View (P1 & P5)
Side View
(P1)
Side View
(P5)
1.400 SQ
1.000
.600
1.000
.100 TYP
.020
.016
.100 TYP
Pin 56
Pin 66
Pin 11
Pin 1
MAX
.020
.016
.100
.025
.035
.245
MAX
.165
MIN
.145
MIN
All dimensions in inches
TYP
TYP
TYP
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com