Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF41632 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-SF41632
Description  ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF41632 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-SF41632 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
eroflex Circuit Technology - Advanced Multichip Modules © SCD3851 REV A 5/21/98
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com
s
4 – 128K x 8 SRAMs & 4 – 512K x 8 Flash Die in
One MCM
s
Access Times of 25ns, 35ns (SRAM) and
60ns, 70ns, 90ns (Flash)
s
Organized as 128K x 32 of SRAM and 512K x 32
of Flash Memory with Common Data Bus
s
Low Power CMOS
s
Input and Output TTL Compatible Design
s
MIL-PRF-38534 Compliant MCMs Available
s
Decoupling Capacitors and Multiple Grounds for
Low Noise
s
Commercial, Industrial and Military Temperature
Ranges
s
Industry Standard Pinouts
s
TTL Compatible Inputs and Outputs
s
Packaging – Hermetic Ceramic
q
66–Lead, PGA-Type, 1.385"SQ x 0.245"max,
Aeroflex code# "P1,P5 with/without shoulders)"
q
68–Lead, Dual-Cavity CQFP(F2), 0.88"SQ x
.20"max (.18 max thickness available, contact
factory for details) (Drops into the 68 Lead
JEDEC .99"SQ CQFJ footprint)
FLASH MEMORY FEATURES
s
Sector Architecture (Each Die)
q
8 Equal Sectors of 64K bytes each
q
Any combination of sectors can be erased with
one command sequence.
s
+5V Programing, +5V Supply
s
Embedded Erase and Program Algorithms
s
Hardware and Software Write Protection
s
Page Program Operation and Internal Program
Control Time.
s
10,000 Erase/Program Cycles
Block Diagram – PGA Type Package(P1 & P5) & CQFP(F2)
ACT-SF41632 High Speed
Multichip Module
128Kx32 SRAM / 512Kx32 Flash
OE
FWE1
SCE
I/O8-15
I/O16-23
I/O0-7
I/O24-31
512K X 8 FLASH
A0–A18
128K X 8 SRAM
512K X 8 FLASH
128K X 8 SRAM
512K X 8 FLASH
128K X 8 SRAM
512K X 8 FLASH
128K X 8 SRAM
FCE
SWE1
FWE2 SWE2
FWE3 SWE3
FWE4 SWE4
PIN DESCRIPTION
I/O0-31
Data I/O
A0–18
Address Inputs
FWE1-4
Flash Write Enables
SWE1-4 SRAM Write Enables
FCE
Flash Chip Enable
SCE
SRAM Chip Enable
OE
Output Enable
NC
Not Connected
VCC
Power Supply
GND
Ground


Similar Part No. - ACT-SF41632

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACT-SF41632

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
128KX32 SRAM/FLASH MODULE
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com