Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF41632 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT-SF41632
Description  ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF41632 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT-SF41632 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-SF41632 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Aeroflex Circuit Technology
SCD3851 REV A 5/21/98
Plainview NY (516) 694-6700
10
Pin Numbers & Functions
68 Pins — Dual-Cavity CQFP
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
GND
18
GND
35
OE
52
GND
2
SWE3
19
I/O8
36
SWE2
53
FI/O23
3
A5
20
I/O9
37
A17
54
FI/O22
4
A4
21
I/O10
38
FWE2
55
FI/O21
5
A3
22
I/O11
39
FWE3
56
FI/O20
6
A2
23
I/O12
40
FWE4
57
FI/O19
7
A1
24
I/O13
41
A18
58
FI/O18
8
A0
25
I/O14
42
SCE
59
FI/O17
9
NC
26
I/O15
43
SWE1
60
FI/O16
10
I/O0
27
Vcc
44
FI/O31
61
VCC
11
I/O1
28
A11
45
FI/O30
62
A10
12
I/O2
29
A12
46
FI/O29
63
A9
13
I/O3
30
A13
47
FI/O28
64
A8
14
I/O4
31
A14
48
FI/O27
65
A7
15
I/O5
32
A15
49
FI/O26
66
A6
16
I/O6
33
A16
50
FI/O25
67
FWE1
17
I/O7
34
FCE
51
FI/O24
68
SWE4
Package Outline — Dual-Cavity CQFP "F2"
Top View
All dimensions in inches
.015
.990 SQ
±.010
.890 SQ
MAX
.800 REF
.050
See Detail “A”
Detail “A”
*.200 MAX
.010 REF
+3°/-3°
.040
.010 R
.010 ±.005
TYP
±.002
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
Pin 61
*.180 MAX available, call factory for details
REF
±.005
.010 REF
.010 ±.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com