Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4454 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4454
Description  ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4454 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4454 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
SCD4454 REV A 3/17/99 Plainview NY (516) 694-6700
2
when coupled to the data bus with a
1:2.5 ratio transformer, isolated on
the data bus side with two 52.5 Ohm
fault isolation resistors, and loaded
by two 70 Ohm terminations, the
data bus signal is typically 7.0 volts
P-P at A-A' (See Figure 5). When
both DATA and DATA inputs are held
low or high, the transmitter output
becomes a high impedance and is
“removed” from the line. In addition,
an
overriding
“INHIBIT
input
provides for the removal of the
transmitter output from the line. A
logic “1” applied to the “INHIBIT”
takes priority over the condition of
the data inputs and disables the
transmitter. (See Transmitter Logic
Waveform,
Figure
1.)
The
Transmitter may be safely operated
for an indefinite period with the bus
(point A-A') short circuited at 100%
duty cycle.
Receiver:
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA
and
DATA, and represent positive and
negative excursions of the input
beyond
a
pre-determined
threshold.(See
Receiver
Logic
Waveform. Figure 2.)
The pre-set internal thresholds
will
detect
data
bus
signals
exceeding 1.20 Volts P-P and
reject signals less than 0.6 volts
P-P when used with a transformer.
(See Figure 5 for transformer data
and typical connection.)
A low level at the Strobe input
inhibits
the
DATA
and
DATA
outputs. If unused, a 2K pull-up to
+5 Volts is recommended
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
Note: DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them,
and must be in the same state during off times (both high or low).
Figure 1 — Transmitter Logic Waveforms Idealized
*
Figure 2 — Receiver Logic Waveforms Idealized*
Note overlap
LINE TO LINE
INPUT
DATA OUT
DATA OUT
STROBE
* See Figure 7 For Actual Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com