Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4454 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4454
Description  ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4454 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4454 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4454 REV A 3/17/99
CIRCUIT TECHNOLOGY
www.aeroflex.com
Features
• Single 5 Volt Supply Operation
• Low Power Dissipation
• Small Size & Light Weight
• Dual Transceivers Save Space & Cost
• Outstanding MIL-STD-1553A/B and MacAir A3818, A4905,
A5232, A5690 Performance
• Processed and Screened to Mil-STD-883 Specs
• Radiation Hard Dielectric Isolation Monolithic Construction
for Severe Space Environments
• Superior High Frequency Line Transient and Input Ripple
Rejection
• Input and Output TTL Compatible Design
• DESC SMD# 5962-92061
General Description
The Aeroflex Circuit Technology
ACT4454 / 4460 series are next
generation
monolithic
transceiver
designs
which
provides
full
compliance with MIL-STD-1553A/B
and MacAir A3818, A5690, A5232 &
A4905 requirements in the smallest
packages
with
low
power
consumption and single power supply
operation.
The
ACT4454
/
4460
series
performs
the
front-end
analog
function of inputting and outputting
data through a transformer to the
MIL-STD-1553 data bus.
The ACT4454 / 4460 series can be
considered a "Universal" Transceiver
in
that
it
is
compatible
with
MIL-STD-1553A & B, Macair A-3818,
A-4905, A-5232 and A-5690.
Design
of
these
transceivers
reflects particular attention to active
filter performance. This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Each
channel
of
the
dual
transceiver is completely separate
from the other and fully independent.
This includes power leads as well as
signal lines. Hence, each channel
may be connected to a different data
bus with no interaction.
Transmitter:
The Transmitter section accepts
bi-phase TTL data at the input and
Block Diagram (without Transformer)
ACTIVE
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMPLIFIER
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
FILTER
+5V RTN
ACT 4454 / 4460 Single Supply Transceivers
ACT 4454FP
Actual Size
Case Style
for MIL-STD-1553A/B &
MacAir A3818, A4905, A5232 & A5690


Similar Part No. - ACT4454

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4453-2 AEROFLEX-ACT4453-2 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4455 AEROFLEX-ACT4455 Datasheet
126Kb / 8P
ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results

Similar Description - ACT4454

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com