Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4454 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4454
Description  ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4454 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4454 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4454 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology
SCD4454 REV A 3/17/99 Plainview NY (516) 694-6700
3
Note 1. Power on or off, measured from 75KHz to 1MHz at point A-A' and transformer self impedance of 3K
Ω
minimum
Absolute Maximum Ratings
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +150°C
Power supply voltage
-0.3 V to +7.0 V
Logic input voltage
-0.3 V to +5.5 V
Receiver differential input
±10 V
Receiver input voltage (common mode)
±5 V
Driver peak output current
800 mA
Total package power dissipation over the full operating
case temperature rise
2 Watts
Maximum junction to case temperature
10°C
Thermal resistance – junction to case
5°C/W
Electrical Characteristics — Driver Section
Input Characteristics, TX DATA in or TX DATA in (Notes 2 & 3 apply)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
140
µA
"0" Input Voltage
VILD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN=0.4V
IILI
-0.2
-0.4
mA
"1" Input Current
VIN=2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2.0
V
Delay from TX inhibit, (0¡1) to inhibited output
tDXOFF
250
450
nS
Delay from TX inhibit, (1¡0) to active output
tDXON
150
450
nS
Differential output noise, inhibit mode
VNOI
210
mVP-P
Differential output impedance (inhibited)
Note 1
ZOI
2K
Ω
Output Characteristics
Differential output level
RL=35 Ω
VO
6.3
7.0
7.7
VP-P
Rise and fall times(10% to 90% of P-P output)
tr
200
250
300
nS
Output offset at point A-A' on Figure 5, 2.5µS
after midpoint crossing of the parity bit of the
last word of a 660µS message
RL=35 Ω
VOS
± 90
mV peak
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential signal
tDTX
290
400
nS
(Note: Normal operation conditions require
one transceiver on and the other off.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com